Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-6230-001 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6230-001
Description  High Performance Laser Mouse Bundles
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6230-001 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-6230-001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
Theory of Operation
The ADNS-6010 is based on LaserStream Technology,
which measures changes in position by optically acquir-
ing sequential images (frames) and mathematically de-
termining the direction and magnitude of movement.
ADNS-6010 contains an Image Acquisition System (IAS),
a Digital Signal Processor (DSP), and a four wire serial
port. The IAS acquires microscopic surface images via
the lens and illumination system. These images are
processed by the DSP to determine the direction and
distance of motion. The DSP calculates the
∆x and ∆y
relative displacement values. An external microcontroller
reads the
∆x and ∆y information from the sensor serial
port. The microcontroller then translates the data into
PS2 or USB signals before sending them to the host PC
or game console.
Figure 7. Package outline drawing (top view)
1
3
4
2
5
6
7
8
9
10
GND
LASER_NEN
NCS
MISO
SCLK
VDD3
NC
RBIN
GND
REFC
GUARD
REFB
NC
RESET
NPD
OSC_OUT
MOSI
OSC_IN
VDD3
20
18
17
19
16
15
14
13
12
11
TOP VIEW
PINOUT
A6010
XYYWWZ
XY_LASER
Pin
Name
Description
1
NCS
Chip select
(active low input)
2
MISO
Serial data output (Master
In/Slave Out)
3
SCLK
Serial clock input
4
MOSI
Serial data input (Master
Out/Slave In)
5
NC
No Connection
6
RESET
Reset input
7
NPD
Power down(active low
input)
8
OSC_OUT
Oscillator output
9
GUARD
Oscillator GND for PCB guard
(optional)
10
OSC_IN
Oscillator input
11
REFC
Reference capacitor
12
REFB
Reference capacitor
13
RBIN
Set XY_LASER current
14
XY_LASER
LASER current output
15
NC
No Connection
16
VDD3
Supply voltage
17
GND
Ground
18
VDD3
Supply voltage
19
GND
Ground
20
LASER_NEN
Laser enable (active low)
Features
• High speed motion detection – up to 45 ips and 20G
• New LaserStream architecture for greatly improved
optical navigation technology
• Programmable frame rate over 7080 frames per sec-
ond
• SmartSpeed self-adjusting frame rate for optimum
performance
• Serial port burst mode for fast data transfer
• 400, 800, 1600 or 2000 cpi selectable resolution
• Single 3.3 volt power supply
• Four-wire serial port along with Power Down, and
Reset pins
• Laser fault detect circuitry on-chip for Eye Safety Com-
pliance
Applications
• Mice for game consoles and computer games
• Mice for desktop PC’s, Workstations, and portable
PC’s
• Laser Trackballs
• Integrated input devices
Pinout
ADNS-6010
Laser Mouse Sensor


Similar Part No. - ADNS-6230-001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6230-001 HP-ADNS-6230-001 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
More results

Similar Description - ADNS-6230-001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6011 AVAGO-ADNB-6011 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Agilent(Hewlett-Packard...
ADNB-6031 HP-ADNB-6031 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
ADNB-6032 HP-ADNB-6032 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com