Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMW-A400-XXXXX Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A400-XXXXX
Description  Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A400-XXXXX Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-A400-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
240 ˚C MAX.
20 SEC. MAX.
3˚C/SEC.
MAX.
120 SEC. MAX.
TIME
183 ˚C
100-150 ˚C
- 6˚C/SEC.
MAX.
60-150 SEC.
3˚C/SEC. MAX.
217 ˚C
MAX. 120 SEC.
6 ˚C/SEC. MAX.
3 ˚C/SEC. MAX.
125 ˚C ± 25 ˚C
255 ˚C
60 to 150 SEC.
10 to 20 SEC.
TIME
* THE TIME FROM 25 ˚C TO PEAK TEMPERATURE = 6 MINUTES MAX.
+5 ˚C
-0 ˚C
Figure 5b. Recommended Pb-free Reflow Soldering Profile.
Figure 5a. Recommended SnPb Reflow Soldering Profile.
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
01
0
20
30
50
100
150
200
250
30
40
50
TIME - SECONDS
60
70
80
90
100
TOP SIDE
OF PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150C (100C PCB)
SOLDER WAVE TEMPERATURE = 245 C
AIR KNIFE AIR TEMPERATURE = 390 C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE SUFFICENTLY COOLED
BEFORE EXERTING MECHANICAL FORCE.
Figure 6. Recommended Wave Soldering Profile.


Similar Part No. - HSMW-A400-XXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A100-T50J1 AVAGO-HSMW-A100-T50J1 Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40J1 AVAGO-HSMW-A100-U40J1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V40J1 AVAGO-HSMW-A100-V40J1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V4MH1 AVAGO-HSMW-A100-V4MH1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results

Similar Description - HSMW-A400-XXXXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com