Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3210 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3210
Description  IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3210 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-3210 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Recommended Storage
Conditions
Storage Temp.
10˚C to 30˚C
Relative Humidity
Below 60% RH
Time from Unsealing to Soldering
After removal from the bag, the
parts should be soldered within
three days if stored at the recom-
mended storage conditions.
Figure 10. Baking conditions chart.
Baking Conditions
If the parts are not stored in dry
conditions, they must be baked
before reflow to prevent damage
to the parts.
Packaging
Temp.
Time
In Reels
60˚C
≥ 48 hours
In Bulk
100˚C
≥ 4 hours
125˚C
≥ 2 hours
150˚C
≥ 1 hour
Baking should only be done once.
Moisture-Proof Packaging
All HSDL-3210 options are shipped in moisture-proof packaging. Once opened, moisture absorption begins.
This product is compliant to JEDEC level 4.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT
LESS THAN 30°C,
AND LESS THAN
60% RH
PACKAGE IS
OPENED LESS
THAN 72 HOURS
PERFORM RECOMMENDED
BAKING CONDITIONS
NO BAKING
IS NECESSARY
YES
NO
NO
YES


Similar Part No. - HSDL-3210

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3210-021 HP-HSDL-3210-021 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3210

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com