Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3210-021 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3210-021
Description  IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3210-021 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-3210-021 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210-021 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210-021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210-021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210-021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210-021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210-021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210-021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3210-021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Absolute Maximum Ratings
For implementations where case to ambient thermal resistance is
≤50°C/W.
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-40
100
°C
Operating Temperature
TA
-25
85
°C
LED Supply Voltage
VLED
0
6.5
V
Supply Voltage
VCC
0
6.5
V
Input/Output Voltage
IOVCC
0VCC
V
Input Voltage: TXD, SCLK, SD
VI
0VCC+ 0.5
V
Output Voltage: RXD
VO
-0.5
VCC+ 0.5
V
Caution: The BiCMOS inherent to this design of this component increases the component’s
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static
precautions be taken in handling and assembly of this component to prevent damage and/or
degradation which may be induced by ESD.
Recommended Operating Conditions
Parameter
Symbol Min.
Max.
Units
Conditions
Notes
Operating Temperature
TA
-25
85
°C
Supply Voltage
VCC
2.7
3.6
V
Logic Input Voltage
Logic High
VIH
2/3 IOVCC
IOVCC
V
1.5 V
IOVCC ≤3.6 V
for TXD ,SCLK, SD
Logic Low
VIL
0
1/3 IOVCC
V
1.5 V
≤IOVCC ≤3.6 V
Logic High Receiver
EIH
0.0081
500
mW/cm2
For in-band signals
7
Input Irradiance EIH
≤115.2kb/s (SIR)
0.0225
500
mW/cm2
0.576 Mb/s
≤ in-band
7
signals
≤ 1.15 Mb/s (MIR)
Logic Low Receiver Input
EIL
0.3
µW/cm2
For in-band signals.
Input/Output Voltage
IOVCC
1.5
VCC
V
Receiver Data Rate
0.0024
1.152
Mb/s


Similar Part No. - HSDL-3210-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3210-021 HP-HSDL-3210-021 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3210-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com