Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9100 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100
Description  Surface-Mount Proximity Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9100 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-9100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image

HSDL-9100-021 Tape and Reel Dimensions
Figure 6. Tape and Reel Dimensions
16.4 + 2
0
21 ± 0.8
UNIT: mm
B
C
� 13.0 ± 0.5
2.0 ±
0.5
LABEL
OPTION #
"B"
"C"
QUANTITY
001
178
60
500
EMPTY
PARTS MOUNTED
LEADER
EMPTY
(40 mm MIN.)
(400 mm MIN.)
(40 mm MIN.)
PROGRESSIVE DIRECTION
R 1.0
DETAIL A
DETAIL A
UNIT: MM
2.0 ± 0.5
8±0.1
2.95±0.1
2±0.1
1.55±0.05
4±0.1
1.5
0.35
2.78±0.07
A
A
B
B
021
330
80
2500


Similar Part No. - HSDL-9100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100-021 AVAGO-HSDL-9100-021 Datasheet
209Kb / 13P
   Surface-Mount Proximity Sensor
HSDL-9100-024 AVAGO-HSDL-9100-024 Datasheet
209Kb / 13P
   Surface-Mount Proximity Sensor
HSDL-9100 AVAGO-HSDL-9100_09 Datasheet
209Kb / 13P
   Surface-Mount Proximity Sensor
More results

Similar Description - HSDL-9100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100 AVAGO-HSDL-9100_09 Datasheet
209Kb / 13P
   Surface-Mount Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com