Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMB-C110 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMB-C110
Description  Surface Mount Chip LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMB-C110 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMB-C110 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMB-C110 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMB-C110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMB-C110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMB-C110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMB-C110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMB-C110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMB-C110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMB-C110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HSMB-C190, HSMB-C170, HSMB-C110,
HSMB-C150, HSMB-C191
Device Selection Guide
Footprint (mm)
SiC Blue
Parts Per Reel
2.00 x 1.25
HSMB-C170
4000
1.60 x 0.80
HSMB-C190/C191
4000
3.20 x 1.00[1]
HSMB-C110
3000
3.20 x 1.60
HSMB-C150
3000
Note:
1. Right-anglepackage.
CAUTION: HSMB-C1xx LEDs are Class 1A ESD sensitive per JESD22-A114C.01. Please observe appropriate precautions
during handling and processing. Refer to Avago Technologies Application Note AN-1142 for additional details.
HSMB-Cxxx
Surface Mount Chip LEDs
Data Sheet
Features
• SmallSize
• IndustryStandardFootprint
• CompatiblewithIRSolder
• DiffusedOptics
• OperatingTemperatureRangeof–30°Cto+85°C
• RightAnglePackageAvailable
• SiCBlueColor
• Availablein8mmTapeon7"(178mm)Diameter
Reels
Applications
• KeypadBacklighting
• Push-ButtonBacklighting
• LCDBacklighting
• SymbolBacklighting
• FrontPanelIndicator
Description
TheseBluechipLEDsaredesignedinanindustrystandard
package for ease of handling and use. Blue color chip
LEDisanewproductthatofferscolordifferentiationfor
backlightingapplications.
TheHSMB-C150hastheindustrystandard3.2x1.6mm
footprintthatisexcellentforallarounduse.TheHSMB-
C170hasthewidelyused2.0x1.25mmfootprint.The
HSMB-C190andHSMB-C191havetheindustrystandard
1.6x0.8mmfootprint,andtheirlowprofiles(0.8mmfor
HSMB-C190and0.6mmforHSMB-C191)andwideview-
inganglesmaketheseLEDsexceptionalforbacklighting
applications.
TheHSMB-C110isaright-anglepackagewiththeuniver-
sallyaccepteddimensionsof3.2x1.0x1.5mm.Thispartis
idealforLCDbacklightingandsidelightingapplications.
AllpackagesarecompatiblewithIRreflowsolderpro-
cesses.Thesmallsizeandwideviewinganglemakethese
LEDsprimechoicesforbacklightingapplicationsandfront
panelilluminationespeciallywherespaceisapremium.


Similar Part No. - HSMB-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C110 HP-HSMB-C110 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
More results

Similar Description - HSMB-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com