Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSME-A401-P4PM1 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSME-A401-P4PM1
Description  SMT LED Surface Mount LED Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSME-A401-P4PM1 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

  HSME-A401-P4PM1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSME-A401-P4PM1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSME-A401-P4PM1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSME-A401-P4PM1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSME-A401-P4PM1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSME-A401-P4PM1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSME-A401-P4PM1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSME-A401-P4PM1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSME-A401-P4PM1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Forward Voltage Bin Table
For HSMZ/V/U – A4xx-xxxxx only
BIN
MIN.
MAX.
VA
1.9
2.2
VB
2.2
2.5
VC
2.5
2.8
VD
2.8
3.1
VE
3.1
3.4
Tolerance of each bin limit =
± 0.05
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0312EN
AV02-0479EN June 20, 2007
This product is qualified as Moisture Sensitive Level 2a per JEDEC J-
STD-020. Precaution when handling this moisture sensitive product is
important to ensure the reliability of the product. Refer to Avago
Application Note AN 5305 Handling of Moisture Sensitive Surface
Mount Devices for details.
A. Storage before use
– Unopen moisture barrier bag (MBB) can be stored at <40
°C/90% RH
for 12 months. If the actual shelf life has exceeded 12 months and the
HIC indicates that baking is not required, then it is safe to reflow the
LEDs per the original MSL rating.
– It is not recommended to open the MBB prior to assembly
(e.g., for IQC).
B. Control after opening the MBB
– The humidity indicator card (HIC) shall be read immediately upon
opening of MBB.
– The LEDs must be kept at <30
°C/60% RH at all times and all high
temperature related processes, including soldering, curing or rework,
need to be completed within 672 hours.
C. Control of unfinished reel
– Unused LEDs need to be stored in sealed MBB with desiccant or in
desiccator at <5% RH.
D. Control of assembled boards
– If the PCB soldered with the LEDs is to be subjected to other high
temperature processes, the PCB needs to be stored in sealed MBB
with desiccant or in desiccator at <5% RH to ensure no LEDs have
exceeded their floor life of 672 hours.
E. Baking is required if:
– “10%” or “15%” HIC indicator turns pink.
– The LEDs are exposed to conditions of >30
°C/60% RH at any time.
– The LEDs' floor life exceeds 672 hours.
Recommended baking conditions: 60
±5°C for 20 hours.


Similar Part No. - HSME-A401-P4PM1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSME-A401-P4PM1 AVAGO-HSME-A401-P4PM1 Datasheet
347Kb / 11P
   SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
logo
Broadcom Corporation.
HSME-A401-P4PM1 BOARDCOM-HSME-A401-P4PM1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
More results

Similar Description - HSME-A401-P4PM1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A46X-XXXXX AVAGO-HSMX-A46X-XXXXX Datasheet
279Kb / 10P
   SMT LED Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com