Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3220 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3220
Description  IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3220 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-3220 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Recommended Reflow Profile
Process Zone
Symbol
∆T
Maximum
∆T/∆time
Heat Up
P1, R1
25
°C to 160°C4°C/s
Solder Paste Dry
P2, R2
160
°C to 200°C
0.5
°C/s
Solder Reflow
P3, R3
200
°C to 255°C (260°C at 10 seconds max)
4
°C/s
P3, R4
255
°C to 200°C-6°C/s
Cool Down
P4, R5
200
°C to 25°C-6°C/s
The reflow profile is a straight-
line representation of a nominal
temperature profile for a convec-
tive reflow solder process. The
temperature profile is divided
into four process zones, each with
different
∆T/∆time temperature
change rates. The
∆T/∆time rates
are detailed in the above table.
The temperatures are measured
at the component to printed
circuit board connections.
In process zone P1, the PC board
and HSDL-3220 castellation pins
are heated to a temperature of
160
°C to activate the flux in the
solder paste. The temperature
ramp up rate, R1, is limited to
4
°C per second to allow for even
heating of both the PC board and
HSDL-3220 castellations.
Process zone P2 should be of
sufficient time duration (60 to
120 seconds) to dry the solder
paste. The temperature is raised
to a level just below the liquidus
point of the solder, usually 200
°C
(392
°F).
Process zone P3 is the solder
reflow zone. In zone P3, the
temperature is quickly raised
above the liquidus point of solder
to 255
°C (491°F) for optimum
results. The dwell time above the
liquidus point of solder should be
between 20 and 60 seconds. It
usually takes about 20 seconds to
assure proper coalescing of the
solder balls into liquid solder and
the formation of good solder
connections. Beyond a dwell time
of 60 seconds, the intermetallic
growth within the solder connec-
tions becomes excessive, result-
ing in the formation of weak and
unreliable connections. The
temperature is then rapidly
reduced to a point below the
solidus temperature of the
solder, usually 200
°C (392°F), to
allow the solder within the
connections to freeze solid.
Process zone P4 is the cool down
after solder freeze. The cool down
rate, R5, from the liquidus point
of the solder to 25
°C (77°F)
should not exceed 6
°C per second
maximum. This limitation is
necessary to allow the PC board
and HSDL-3220 castellations to
change dimensions evenly,
putting minimal stresses on the
HSDL-3220 transceiver.
0
t-TIME (SECONDS)
230
200
160
120
80
50
150
100
200
250
300
180
220
255
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL DOWN
25
R1
R2
R3
R4
R5
60 sec.
MAX.
ABOVE
220
°C
MAX. 260
°C


Similar Part No. - HSDL-3220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3220-001 HP-HSDL-3220-001 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3220-021 HP-HSDL-3220-021 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3220

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com