Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-7002 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-7002
Description  3/16 Encode/Decode Integrated Circuit in QFN Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-7002 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-7002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
Switching Specifications
(Vcc = 2.7 to 5.5 V, TA = -20 to +85°C)
Notes:
1. Propagation Delay Time in the output buffer is the time taken from the input passing Vcc/2 to the time of the output reaching Vcc/2 with 50
pF as the output load.
2. The Ouput Rise Time is the time taken for the outputs (RXD, IR_TXD) to rise from 10% of the original value to 90% of the final value.
3. The Output Fall Time is the time taken for the outputs (RXD, IR_TXD) to fall from 90% of the original value to 10% of the final value.
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-65
+150
°C
Operating Temperature
TA
-40
+85
°C
Output Current
IO
-20
15
mA
Power Dissipation [1]
PMAX
0.46
W
Input/Output Voltage [2]
VI /VO
-0.5
Vcc+0.5
V
Power Supply Voltage
VCC
-0.5
7.0
V
Electrostatic Protection
VESD
4000
V
Note: 1. All pins are protected from damage to static discharge by internal diode clamps to Vcc and GND.
Parameter
Symbol Min.
Typ.
Max.
Units
Conditions
Propagation Delay Time [1]
tpd
45
ns
Output Rise Time [2]
trise
13
6
22
11
24
12
ns
VCC = 2.7 V, CL = 50 pF
VCC = 5.5 V, CL = 50 pF
Output Fall Time [3]
tfall
12
5
14
10
16
11
ns
VCC = 2.7 V, CL = 50 pF
VCC = 5.5 V, CL = 50 pF
Output Capacitance on Output
Pads Used for Simulation
COUT
50
pF


Similar Part No. - HSDL-7002

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-7002 LITEON-HSDL-7002 Datasheet
328Kb / 11P
   IrDA 3/16 Encode/Decode Integrated Circuit in QFN Package
More results

Similar Description - HSDL-7002

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-7002 LITEON-HSDL-7002 Datasheet
328Kb / 11P
   IrDA 3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Agilent(Hewlett-Packard...
HSDL-7000 HP-HSDL-7000 Datasheet
104Kb / 5P
   IR 3/16 Encode/Decode IC
HSDL7001 HP-HSDL7001 Datasheet
128Kb / 8P
   IR 3/16 Encode/Decode IC
HSDL-7001-2500 HP-HSDL-7001-2500 Datasheet
130Kb / 8P
   IR 3/16 Encode/Decode IC
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-7000 AVAGO-HSDL-7000 Datasheet
54Kb / 6P
   IR 3/16 Encode/Decode IC
logo
Texas Instruments
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI1-TPS62085 Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com