Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HD57 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HD57
Description  5 mm Standard Oval Precision Optical Performance Red LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD57 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HD57 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
This Precision Optical Performance Oval LED is specifi-
cally designed for Full Color/Video and Passenger Infor-
mation Signs. The Oval shaped radiation pattern and high
luminous intensity ensure that this device is excellent
for wide field of view outdoor applications where a wide
viewing angle and readability in sunlight are essential.
This lamp has very smooth, matched radiation patterns
ensuring consistent color mixing in full color applica-
tions, message uniformity across the viewing angle of
the sign. High efficiency LED material is used in this lamp:
Aluminium Indium Gallium Phosphide (AlInGaP) for Red
Color. The higher performance AlInGaP II is used.
The package epoxy contains both UV-A and UV-B inhibi-
tors to reduce the effects of long term exposure to direct
sunlight.
Features
• Well defined spatial radiation pattern
• High brightness material
• Red AlInGaP 630 nm
• Tinted and diffused
• Typical viewing angle 40°x100°
Benefits
• Viewing angle designed for wide field of view
applications
• Superior performance for outdoor environments
Applications
• Full color signs
• Commercial outdoor advertising
Package Dimensions
HLMP-HD57
5 mm Standard Oval
Precision Optical Performance Red LED
Data Sheet
5.20
(0.204)
10.85 ± 0.50
(0.427 ± 0.019)
2.54
(0.10)
7.00
(0.275)
0.70
(0.028)
1.0
(0.039)MAX.
MAX.
SQ. TYP.
24.00
(0.945)MIN.
1.50 ± 0.15
(0.059 ± 0.006)
1.00
(0.039)MIN.
0.50 ± 0.10
(0.020 ± 0.004)
NOTE:
MEASURED AT BASE OF LENS.
3.80
(0.150)
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE ± 0.25 mm UNLESS OTHERWISE NOTED.


Similar Part No. - HLMP-HD57

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
More results

Similar Description - HLMP-HD57

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com