Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7699 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7699 Datasheet HTML 4Page - Analog Devices AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7689
Preliminary Technical Data
Rev. PrC | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VDD
2
REF
3
REFIN
4
GND
5
GND
13 SCK
14 SDO
15 VIO
12 DIN
11 CNV
TOP VIEW
Figure 4. 20-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 20
VDD
P
Power Supply. Nominally 2.5 V to 5.5 V when using an external reference, and decoupled with
10 μF and 100 nF capacitors.
When using the internal reference for 2.5V output, the minimum should be 2.7V.
When using the internal reference for 4.096V output, the minimum should be 4.5V.
2
REF
AI/O
Reference Input/Output. See the Voltage Reference Output/Input section.
When the internal reference is enabled, this pin produces a selectable system reference = 2.5V or
4.096V.
When the internal reference is disabled and the buffer is enabled, REF produces a buffered
version of the voltage present on the REFIN pin (4.096V max.) useful when using low cost, low
power references.
For improved drift performance, connect a precision reference to REF (0.5V to VDD).
For any reference method, this pin needs decoupling with an external a 22 μF capacitor
connected as close to REF as possible. See the Reference Decoupling section.
3
REFIN
AI/O
Internal Reference Output/Reference Buffer Input. See the Voltage Reference Output/Input
section.
When using the internal reference, the internal unbuffered reference voltage is present and
needs decoupling with a 0.1μF capacitor.
When using the internal reference buffer, apply a source between 0.5V to 4.096V which is
buffered to the REF pin as described above.
4, 5
GND
AI
Power Supply Ground.
6 - 9
IN4 – IN7
AI
Channel 4 through Channel 7 Analog Inputs.
10
COM
AI
Common Channel Input. All channels [7:0] can be referenced to a common mode point of 0 V or
VREF/2 V.
11
CNV
DI
Convert Input. On the rising edge, CNV initiates the conversion. During conversion, if CNV is
held high, the BUSY indictor is enabled.
12
DIN
DI
Data Input. This input is used for writing to the 14-bit configuration register. The configuration
register can be written to during and after conversion.
13
SCK
DI
Serial Data Clock Input. This input is used to clock out the data on ADO and clock in data on DIN
in an MSB first fashion.
14
SDO
DO
Serial Data Output. The conversion result is output on this pin synchronized to SCK. In unipolar
modes, conversion results are straight binary; in bipolar modes conversion results are twos
complement.
15
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V,
2.5 V, 3 V, or 5 V).
16 - 19
IN0 – IN3
AI
Channel 0 through Channel 3 Analog Inputs.
1AI = analog input, AI/O = analog input/output, DI = digital input, DO = digital output, and P = power.


Similar Part No. - AD7699

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7699 AD-AD7699 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7699BCPZ AD-AD7699BCPZ Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7699BCPZRL7 AD-AD7699BCPZRL7 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
More results

Similar Description - AD7699

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7694ARMZRL7 AD-AD7694ARMZRL7 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
AD7694BRMZ AD-AD7694BRMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663 AD-AD7663_15 Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com