Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HB55-HJCXX Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HB55-HJCXX
Description  5 mm Precision Optical Performance InGaN Oval LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB55-HJCXX Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB55-HJCXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
These Precision Optical Performance Oval LEDs are
specifically designed for full color/video and
passenger information signs. The oval shaped
radiation pattern and high luminous intensity ensure
that this device is excellent for wide field of view
outdoor applications where a wide viewing angle
and readability in sunlight are essential. This lamp
has very smooth, matched radiation patterns ensuring
consistent color mixing in full color applications,
message uniformity across the viewing angle of the
sign. High efficiency LED material is used in this
lamp: Indium Gallium Nitride for Blue and Green.
Each lamp is made with an advanced optical grade
epoxy offering superior high temperature and high
moisture resistance in outdoor applications. The
package epoxy contains both UV-a and UV-b inhibitors
to reduce the effects of long term exposure to direct
sunlight. These lamps are available in two package
options (standoff and without standoff) to give
designer flexibility with device mounting.
Features
• Well-defined spatial radiation pattern
• High brightness material
– Blue InGaN 470 nm
– Green InGaN 525 nm
Applications
• Full color signs
• Commercial outdoor advertising
Benefits
• Viewing angle designed for wide field of view appli-
cations
• Superior performance for outdoor environments
HLMP-HB55/HLMP-HM55/
HLMP-HB54/HLMP-HM54
5 mm Precision Optical Performance
InGaN Oval LED Lamps
Data Sheet
CAUTION:
InGaN devices are Class 1C HBM ESD sensitive per JEDEC standard. Please observe appropriate precautions
during handling and processing. Refer to Application Note AN-1142 for additional details.


Similar Part No. - HLMP-HB55-HJCXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB57 AVAGO-HLMP-HB57 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-KN0XX AVAGO-HLMP-HB57-KN0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-LMCXX AVAGO-HLMP-HB57-LMCXX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-LP0XX AVAGO-HLMP-HB57-LP0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results

Similar Description - HLMP-HB55-HJCXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com