Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HB55-HJCXX Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HB55-HJCXX
Description  5 mm Precision Optical Performance InGaN Oval LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB55-HJCXX Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HB55-HJCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Note: Refer to application note AN1027 for more information on
soldering LED components.
LED Component
Plated Through
Lead Size
Diagonal
Hole Diameter
0.457 x 0.457 mm
0.646 mm
0.976 to 1.078 mm
(0.018 x 0.018 inch)
(0.025 inch)
(0.038 to 0.042 inch)
0.508 x 0.508 mm
0.718 mm
1.049 to 1.150 mm
(0.020 x 0.020 inch)
(0.028 inch)
(0.041 to 0.045 inch)
Avago Technologies LED Configuration
Note: Electrical connection between bottom surface of LED die
and the lead frame material through conductive paste of solder.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB
during soldering process.
• At elevated temperature, the LED is more
susceptible to mechanical stress. Therefore, PCB
must be allowed to cool down to room temperature
prior to handling, which includes removal of jigs,
fixtures or pallet.
• Special attention must be given to board fabrication,
solder masking, surface platting and lead holes
size and component orientation to assure the
solderability.
CATHODE
• Over sizing of plated through hole can lead to
twisting or improper LED placement during auto
insertion. Under sizing plated through hole can
lead to mechanical stress on the epoxy lens during
clinching.
• Recommended PC board plated through hole sizes for
LED component leads:
Figure 8. Recommended wave soldering profile.
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
010
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE
OF PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C ± 5°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
LEAD SOLDER: SN63; FLUX: RMA
LEAD FREE SOLDER: 96.5% Sn, 3.0% Ag, 0.5% Cu
NOTE: ALLOW FOR BOARDS TO BE
SUFFICIENTLY COOLED BEFORE
EXERTING MECHANICAL FORCE.


Similar Part No. - HLMP-HB55-HJCXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB57 AVAGO-HLMP-HB57 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-KN0XX AVAGO-HLMP-HB57-KN0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-LMCXX AVAGO-HLMP-HB57-LMCXX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-LP0XX AVAGO-HLMP-HB57-LP0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results

Similar Description - HLMP-HB55-HJCXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com