Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMD-A100-J7PJ2 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMD-A100-J7PJ2
Description  Surface Mount LED Indicator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMD-A100-J7PJ2 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMD-A100-J7PJ2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMD-A100-J7PJ2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMD-A100-J7PJ2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMD-A100-J7PJ2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMD-A100-J7PJ2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMD-A100-J7PJ2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMD-A100-J7PJ2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMD-A100-J7PJ2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMD-A100-J7PJ2 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Part Numbering System
Packaging Option
Color Bin Selection
Intensity Bin Select
Device Specific Configuration
Package Type
LED Chip Color
HSM x1 - A x2 xx4 - x5x6 x7 x8x9
Absolute Maximum Ratings (TA = 25°C)
Parameters
HSMS/D/Y/G
HSMH
HSMC/J/L/A
HSME
HSMZ/V/U
HSMM/K/B/N
DC Forward Current[1]
0 mA
0 mA
0 mA[,4]
20 mA[4]
0 mA[,4]
0 mA
Peak Forward Current[2] 100 mA
100 mA
100 mA
100 mA
100 mA
100 mA
Power Dissipation
6 mW
60 mW
6 mW
48 mW
72 mW
114 mW
Reverse Voltage
5 V
Junction Temperature
110°C
Operating Temperature
–55°C to +100°C
Storage Temperature
–55°C to +100°C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty factor = 10%, Frequency = 1 kHz.
. Drive current between 10 mA and 0 mA is recommended for best long term performance.
4. Operation at current below 5 mA is not recommended.


Similar Part No. - HSMD-A100-J7PJ2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-A100-J7PJ2 HP-HSMD-A100-J7PJ2 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
HSMD-A100-J7PJ2 HP-HSMD-A100-J7PJ2 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
More results

Similar Description - HSMD-A100-J7PJ2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com