Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CW15 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW15
Description  T-13/4 Precision Optical Performance White LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW15 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CW15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Intensity Bin Limits
(mcd at 20 mA)
Bin
Min.
Max.
L
400
520
M
520
680
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
Tolerance for each bin limit is
± 15%.
Color Bin Limit Table
Rank
Limits (Chromaticity Coordinates)
1x
0.330
0.330
0.356
0.361
y
0.360
0.318
0.351
0.385
2x
0.287
0.296
0.330
0.330
y
0.295
0.276
0.318
0.339
3x
0.264
0.280
0.296
0.283
y
0.267
0.248
0.276
0.305
4x
0.283
0.287
0.330
0.330
y
0.305
0.295
0.339
0.360
Tolerance for each bin limit is
± 0.01.
0.40
0.35
0.30
0.25
0.20
0.26
0.30
0.34
0.38
X-COORDINATE
3
2
4
1
BLACK
BODY
CURVE
Color Bin Limits with Respect to CIE
1931 Chromaticity Diagram
Note:
Bin categories are established for classification of products. Products may not be available in all bin
categories. Please contact your Avago representative for information on currently available bins.
0
1.2
1.0
TJ – JUNCTION TEMPERATURE – °C
-40
1.4
0.8
-20
0
20
40
60
120
80
100
0.2
0.4
0.6
Relative Light Output vs. Junction Temperature


Similar Part No. - HLMP-CW15

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CW11 HP-HLMP-CW11 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10000 HP-HLMP-CW11-10000 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-100DD HP-HLMP-CW11-100DD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10B00 HP-HLMP-CW11-10B00 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10BDD HP-HLMP-CW11-10BDD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
More results

Similar Description - HLMP-CW15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com