Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CW24 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW24
Description  T-13/4 Precision Optical Performance White LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW24 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CW24 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW24 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW24 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW24 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW24 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW24 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW24 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW24 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW24 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Absolute Maximum Ratings
TA = 25˚C
Parameter
Value
Units
DC Forward Current[1]
30
mA
Peak Forward Current[2]
100
mA
Power Dissipation
111
mW
Reverse Voltage (IR = 10
µA)
5
V
LED Junction Temperature
110
oC
Operating Temperature Range
–40 to +80
oC
Storage Temperature Range
–40 to +100
oC
Notes:
1. Derate linearly as shown in Figure 5.
2. Duty factor 10%, 1 kHz.
Electrical Characteristics
TA = 25
°C
Forward Voltage,
Reverse Breakdown,
Capacitance, C (pF),
Thermal Resistance
VF (V) @ IF = 20 mA
VR (V) @ IR = 10
µAVF = 0, f = 1 MHz
R
θθθθθJ-PIN (
°C/W)
Typ.
Max.
Min.
Typ.
Typ.
3.2
3.7
5
70
240
Optical Characteristics
TA = 25
°C
Typical Chromaticity
Viewing Angle
Coordinates[1]
2
θθθθθ1/2 Degrees[2]
Part Number
X
Y
Typ.
HLMP-CW3x-xxxxx
0.32
0.32
30
HLMP-CW2x-xxxxx
0.32
0.32
23
HLMP-CW1x-xxxxx
0.32
0.32
15
HLMP-CW7x-xxxxx
0.32
0.32
50
Notes:
1. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent the perceived color of the device.
2.
θ1/2 is the off-axis angle where the luminous intensity is 12 the peak intensity.


Similar Part No. - HLMP-CW24

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CW26 HP-HLMP-CW26 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW26-10000 HP-HLMP-CW26-10000 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW26-100DD HP-HLMP-CW26-100DD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW26-10B00 HP-HLMP-CW26-10B00 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW26-10BDD HP-HLMP-CW26-10BDD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
More results

Similar Description - HLMP-CW24

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com