Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CW15-UV0XX Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW15-UV0XX
Description  T-13/4 Precision Optical Performance White LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW15-UV0XX Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CW15-UV0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15-UV0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15-UV0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15-UV0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15-UV0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15-UV0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15-UV0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15-UV0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW15-UV0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Device Selection Guide
Min. Luminous Intensity
Viewing Angle
Iv (mcd) @ 20 mA
Part Number
Typ.
Min.
Max.
Standoff Leads
Package Dimension
HLMP-CW15-TW0xx
15
°
2500
7200
No
A
HLMP-CW15-TW0xx
15
°
2500
7200
No
A
HLMP-CW15-UV0xx
15
°
3200
5500
No
A
HLMP-CW15-VWBxx
15
°
4200
7200
No
A
HLMP-CW15-VY0xx
15
°
4200
12000
No
A
HLMP-CW15-VYBxx
15
°
4200
12000
No
A
HLMP-CW15-VYGxx
15
°
4200
12000
No
A
HLMP-CW15-VYKxx
15
°
4200
12000
No
A
HLMP-CW16-R00xx
15
°
1500
-
Yes
B
HLMP-CW16-TW0xx
15
°
2500
7200
Yes
B
HLMP-CW16-VY0xx
15
°
4200
12000
Yes
B
HLMP-CW23-SV0xx
23
°
1900
5500
No
A
HLMP-CW23-SVKxx
23
°
1900
5500
No
A
HLMP-CW23-TW0xx
23
°
2500
7200
No
A
HLMP-CW24-SV0xx
23
°
1900
5500
Yes
B
HLMP-CW24-TW0xx
23
°
2500
7200
Yes
B
HLMP-CW30-PS0xx
30
°
880
2500
No
A
HLMP-CW30-RU0xx
30
°
1500
4200
No
A
HLMP-CW30-STBxx
30
°
1900
3200
No
A
HLMP-CW30-SV0xx
30
°
1900
5500
No
A
HLMP-CW31-M00xx
30
°
520
-
Yes
B
HLMP-CW31-PS0xx
30
°
880
2500
Yes
B
HLMP-CW31-SV0xx
30
°
1900
5500
Yes
B
HLMP-CW70-LMBxx
70º
400
680
No
A
HLMP-CW70-LP0xx
70º
400
1150
No
A
HLMP-CW72-LP0xx
70º
400
1150
Yes
B
Tolerance for each intensity limit is
±15%.


Similar Part No. - HLMP-CW15-UV0XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CW11 HP-HLMP-CW11 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10000 HP-HLMP-CW11-10000 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-100DD HP-HLMP-CW11-100DD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10B00 HP-HLMP-CW11-10B00 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10BDD HP-HLMP-CW11-10BDD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
More results

Similar Description - HLMP-CW15-UV0XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com