Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CW47-STBXX Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW47-STBXX
Description  T-1(5mm) Extra Bright Precision Optical Performance White LED Lamps.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW47-STBXX Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CW47-STBXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW47-STBXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW47-STBXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW47-STBXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW47-STBXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW47-STBXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW47-STBXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW47-STBXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Wave Soldering
Manual Solder
Dipping
Pre-heat temperature
105 °C Max.
Preheat time
30 sec Max
Peak temperature
250 °C Max.
260 °C Max.
Dwell time
3 sec Max.
5 sec Max
BOTTOM SIDE
OF PC BOARD
TOP SIDE OF
PC BOARD
NOTE: ALLOW FOR BOARDS TO BE
SUFFICIENTLY COOLED BEFORE
EXERTING MECHANICAL FORCE.
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150 C (100 C PCB)
SOLDER WAVE TEMPERATURE = 245 C
AIR KNIFE AIR TEMPERATURE = 390 C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
SOLDER: SN63; FLUX: RMA
250
200
150
FLUXING
TURBULENT WAVE
PREHEAT
TIME - SECONDS
100
50
30
0
10
20
30
40
50
60
70
80
90
100
LAMINAR WAVE
HOT AIR KNIFE
LED component
ead size
Diagonal
Plated through
hole diameter
0.457 x 0.457mm
(0.018 x 0.018inch)
0.646 mm
(0.025 inch)
0.976 to 1.078 mm
(0.038 to 0.042 inch)
0.508 x 0.508mm
(0.020 x 0.020inch)
0.718 mm
(0.028 inch)
1.049 to 1.150mm
(0.041 to 0.045 inch)
Precautions:
Lead Forming:
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering into PC board.
• If lead forming is required before soldering, care must be
taken to avoid any excessive mechanical stress induced
to LED package. Otherwise, cut the leads of LED to length
after soldering process at room temperature. The solder
joint formed will absorb the mechanical stress of the lead
cutting from traveling to the LED chip die attach and
wirebond.
• It is recommended that tooling made to precisely form
and cut the leads to length rather than rely upon hand
operation.
Soldering Condition:
• Care must be taken during PCB assembly and soldering
process to prevent damage to LED component.
• The closest LED is allowed to solder on board is 1.59mm
below the body (encapsulant epoxy) for those parts
without standoff.
• Recommended soldering condition:
Recommended Wave Soldering Profile
Note: Refer to application note AN1027 for more information
on soldering LED components.
• Wave soldering parameter must be set and maintain
according to recommended temperature and dwell time
in the solder wave. Customer is advised to periodically
check on the soldering profile to ensure the soldering
profile used is always conforming to recommended
soldering condition.
• If necessary, use fixture to hold the LED component in
proper orientation with respect to the PCB during
soldering process.
• Proper handling is imperative to avoid excessive thermal
stresses to LED components when heated. Therefore, the
soldered PCB must be allowed to cool to room
temperature, 25°C before handling.
• Special attention must be given to board fabrication,
solder masking, surface plating and lead holes size and
component orientation to assure solderability.
• Recommended PC board plated through holes size for
LED component leads.


Similar Part No. - HLMP-CW47-STBXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CW11 HP-HLMP-CW11 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10000 HP-HLMP-CW11-10000 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-100DD HP-HLMP-CW11-100DD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10B00 HP-HLMP-CW11-10B00 Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-CW11-10BDD HP-HLMP-CW11-10BDD Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
More results

Similar Description - HLMP-CW47-STBXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE17 AVAGO-HLMP-CE17 Datasheet
378Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-35CDD AVAGO-HLMP-CE13-35CDD Datasheet
225Kb / 9P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-24CDD AVAGO-HLMP-CE13-24CDD Datasheet
380Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CYXX AVAGO-HLMP-CYXX Datasheet
292Kb / 9P
   Precision Optical Performance 5mm Round Warm White LED Lamps
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com