Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CW76-RSBXX Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW76-RSBXX
Description  T-1(5mm) Extra Bright Precision Optical Performance White LED Lamps.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW76-RSBXX Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CW76-RSBXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-RSBXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-RSBXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-RSBXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-RSBXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-RSBXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-RSBXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-RSBXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Intensity Bin Limit Table
Figure 7. Spatial Radiation Pattern for
CW7x
Bin
Intensity (mcd) at 20 mA
Min
Max
N680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
Figure 4. Chromaticity shift vs. Current
*Note: (x,y) values @ 20mA reference to
(0,0)
Figure 5. Forward Current vs. Forward
Voltage
Figure 6. Spatial Radiation Pattern for
CW4x
0
5
10
15
20
25
30
2.0 2.2
2.4 2.6
2.8 3.0 3.2
3.4 3.6
VF - FORWARD VOLTAGE - VOLTS
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
-0.005
0.000
0.005
0.010
0.015
X-COORDINATES
30mA
20mA
10mA
5mA
1mA
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT (˚)
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT (˚)
Tolerance for each bin limit is
± 15%


Similar Part No. - HLMP-CW76-RSBXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
HLMP-CW70-LMBXX AVAGO-HLMP-CW70-LMBXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70-LP0XX AVAGO-HLMP-CW70-LP0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70-LP0XX AVAGO-HLMP-CW70-LP0XX Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
More results

Similar Description - HLMP-CW76-RSBXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE17 AVAGO-HLMP-CE17 Datasheet
378Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-35CDD AVAGO-HLMP-CE13-35CDD Datasheet
225Kb / 9P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-24CDD AVAGO-HLMP-CE13-24CDD Datasheet
380Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CYXX AVAGO-HLMP-CYXX Datasheet
292Kb / 9P
   Precision Optical Performance 5mm Round Warm White LED Lamps
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com