Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1213 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G1213
Description  Low power, Single, SOT-23-5, Rail-to-rail OP Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1213 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G1213 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ver: 1.1
Nov 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G1213
Global Mixed-mode Technology Inc.
Large Signal Transient Response Figure
Test Condition:TA=25°C, AV=1 , RL = 2kΩ
V+ = 2.5V, V- = -2.5V
Small Signal Transient Response Figure
Test Condition:TA=25°C, AV=1, RL = 32
Ω
V+ = 2.5V, V- = -2.5V
Test Condition: Vs = ±2.5V, TA = 25°C
PSRR
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.1
1
10
100
1000
Frequency - kHZ
PSRR +
PSRR -
Test Condition: Vs = ±2.5V, TA = 25°C
Open-Loop Gain & Phase vs. Frequency
0.0
20.0
40.0
60.0
80.0
100.0
0.1
1
10
100
1000 10000
Frequency - kHZ
-150
-130
-110
-90
-70
-50


Similar Part No. - G1213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1213 ETC-G1213 Datasheet
928Kb / 11P
   Liquid Crystal Display Modules
G1213 ETC2-G1213 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1213 ETC2-G1213 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1213 HEYCO-G1213 Datasheet
91Kb / 1P
   Rubber Grommets
logo
Seiko Instruments Inc
G121300N000 SII-G121300N000 Datasheet
1Mb / 27P
   LIQUID CRYSTAL DISPLAY MODULE?
More results

Similar Description - G1213

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1797 LINER-LT1797_1 Datasheet
194Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com