Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CW72 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW72
Description  T-1 3/4 Precision Optical Performance White LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW72 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CW72 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW72 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW72 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW72 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW72 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW72 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Package Dimensions
HLMP-CW70, HLMP-CW72
T-1 3/4 Precision Optical Performance White LED
Data Sheet
Description
This high intensity white LED lamp is based on InGaN
material technology. A blue LED die is coated by phos-
phor to produce white. The typical resulting color is
described by the coordinates x = 0.32, y = 0.32 using the
1931 CIE Chromaticity Diagram.
This T- 1 3/4 lamp is untinted, diffused, and incorporate
precise optics which produce well defined spatial radia-
tion patterns at specific viewing cone angle.
Applications
• Electronic Signs and Signals
• Small Area Illumination
• Legend Backlighting
• General Purpose Indicators
Features
• Highly Luminous White Emission
• 70° viewing angle
Benefit
• Reduced Power Consumption, Higher Reliability, and
Increased Optical/Mechanical Design Flexibility Com-
pared to Incandescent Bulbs and Other Alternative
White Light Sources
CAUTION : These devices are Class 1 ESD sensitive. Please observe appropriate precautions during handling
and processing. Refer to Avago Technologies Application Note AN-1142 for additional details.
.08
0.70 max
.100±.015
.5±0.38
1.
31.60 min
.093
.35 max
.8±.008
5.80±0.0
.33±.008
8.71±0.0
.197±.008
5.00±0.0 note#1
.039
1.00 min
.00±.00
0.50±0.10 sq. typ.
.05±.008
1.1±0.0
cathode
flat
cathode
lead
ø
cathode
lead
cathode
flat
NOTES:
1. MEASURED JUST ABOVE FLANGE.
.059±.006
1.50±0.15
.93±.010
1.5±0.5
.33±.008
8.71±0.0
.100±.015
.5±0.38
1.
31.60 min
.00±.00
0.50±0.10 sq. typ.
.039
1.00 min
.197±.008
5.00±0.0 note#1
.8±.008
5.80±0.0
.08
0.70 max
.05±.008
1.1±0.0
ø
Notes:
1. All dimensions are in millimeters /
inches.
2. Expoxy meniscus may extend about
1mm (0.040”) down the leads.
A.
B.


Similar Part No. - HLMP-CW72

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW72 AVAGO-HLMP-CW72 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW72-LP0XX AVAGO-HLMP-CW72-LP0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results

Similar Description - HLMP-CW72

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com