Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1084-33T53U Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G1084-33T53U
Description  5A Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084-33T53U Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G1084-33T53U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084-33T53U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084-33T53U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084-33T53U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084-33T53U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084-33T53U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084-33T53U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084-33T53U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1084-33T53U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ver: 0.9
Jun 14, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G1084-XX
Global Mixed-mode Technology Inc.
Package Information
TO-252 (T4) Package
MILLIMETERS
INCHES
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
2.190
2.400
0.086
0.094
A1
0.000
0.127
0.000
0.005
B
0.880
1.650
0.035
0.065
b
0.500
0.880
0.020
0.035
b1
0.700
0.900
0.028
0.035
C
0.430
0.580
0.017
0.023
C1
0.430
0.580
0.017
0.023
D
6.350
6.730
0.250
0.265
D1
5.200
5.460
0.205
0.215
E
5.400
6.220
0.213
0.245
e
2.300 TYP
0.091 TYP
e1
4.500
4.700
0.177
0.185
L
8.830
10.77
0.348
0.424
L1
2.550
2.900
0.100
0.114
L2
1.400
1.780
0.055
0.070
L3
0.350
1.020
0.014
0.040
V
3.800
4.320
0.150
0.170
D
D1
B
b1
b
e
e1
L3
L
V
C
L1
E
A
C1
A1
L2
D
D1
B
b1
b
e
e1
L3
L
V
C
L1
E
A
C1
A1
L2
D
D1
B
b1
b
e
e1
L3
L
V
C
L1
E
A
C1
A1
L2


Similar Part No. - G1084-33T53U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084-33T53U GMT-G1084-33T53U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
More results

Similar Description - G1084-33T53U

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com