Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CB30-NPCXX Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB30-NPCXX
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB30-NPCXX Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB30-NPCXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NPCXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NPCXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NPCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NPCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NPCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NPCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NPCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NPCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
These high intensity blue, green, and cyan LEDs
are based on the most efficient and cost effective
InGaN material technology. The 470 nm typical
dominant wave–length for blue and 525 nm typical
wavelength for green is well suited to color mixing
in full color signs. The 505 nm typical dominant
wavelength for cyan is suitable for traffic signal
application.
These LED lamps are untinted, non-diffused, T-13/4
packages incorporating second generation optics
which produce well-defined spatial radiation
patterns at specific viewing cone angles.
These lamps are made with an advanced optical
grade epoxy, offering superior temperature and
moisture resistance in outdoor signal and sign
applications. The high maximum LED junction
temperature limit of +110°C enables high
temperature operation in bright sunlight
conditions.
Features
• Well defined spatial radiation pattern
• High luminous output
• Available in blue, green, and cyan color
• Viewing angle: 15°, 23° and 30°
• Standoff or non-standoff leads
• Superior resistance to moisture
Applications
• Traffic signals
• Commercial outdoor advertising
• Front panel backlighting
• Front panel indicator
HLMP-CB11, HLMP-CB12, HLMP-CM11,
HLMP-CM12, HLMP-CE11, HLMP-CE12,
HLMP-CB26, HLMP-CB27, HLMP-CM26,
HLMP-CM27, HLMP-CE26, HLMP-CE27,
HLMP-CB36, HLMP-CB37, HLMP-CM36,
HLMP-CM37, HLMP-CE36, HLMP-CE37
CAUTION: Devices are Class I ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Application Note AN-1142 for additional details.
HLMP-Cxxx
T-13/4 (5 mm) Extra Bright Precision Optical
Performance InGaN LED Lamps
Data Sheet


Similar Part No. - HLMP-CB30-NPCXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB30-NPC00 AVAGO-HLMP-CB30-NPC00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB30-NPCDD AVAGO-HLMP-CB30-NPCDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB30-NPCXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com