Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CM37-XYDXX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CM37-XYDXX
Description  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM37-XYDXX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CM37-XYDXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Part Numbering System
HLMP - x x xx - x x x xx
Mechanical Options
00: Bulk
DD: Ammo Pack
Color Bin Options
0: Full Color Bin Distribution
A: Color Bin 1 and 2
B: Color Bin 2 and 3
C: Color Bin 3 and 4
D: Color Bin 4 and 5
Maximum Intensity Bin
0: No Maximum Intensity Bin Limitation
Others: Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Intensity Bin
11: 15
° Without Standoff
12: 15
° With Standoff
26: 23
° Without Standoff
27: 23
° With Standoff
36: 30
° Without standoff
37: 30
° With Standoff
Color
B: Blue 470 nm
M: Green 525 nm
E: Cyan 505 nm
Package
C: T-13/4 (5 mm) Round Lamp


Similar Part No. - HLMP-CM37-XYDXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CM37-XYDXX HP-HLMP-CM37-XYDXX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Similar Description - HLMP-CM37-XYDXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com