Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1084-15TU3UF Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G1084-15TU3UF
Description  5A Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084-15TU3UF Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G1084-15TU3UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ver: 0.9
Jun 14, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G1084-XX
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
11.5
22.5
33.5
44.5
5
I
L (A )
T
A=85°C
1.0
1.5
2.0
2.5
3.0
-25 -15 -5
5
1525
3545
55
6575
85
Temperature (
°C)
V
IN=4V
V
IN=5V
I
L=10mA
G1084-18 Overcurrent
Protection Characteristics
G1084-18 Start-up
G1084 Max. Power Dissipation
vs. PCB Top Copper Area
G1084 Max. Power Dissipation vs. TAMB
G1084-18 Quiescent Current vs. Temperature
G1084-18 Dropout Voltage vs. IL
T
A=25°C
T
A=-25°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.5
1.5
2.5
3.5
4.5
PCB Top Copper Area (in2)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
25
35
45
55
65
75
85
T
AMB (°C)
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit : in
2


Similar Part No. - G1084-15TU3UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084-15T43U GMT-G1084-15T43U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
G1084-15T53U GMT-G1084-15T53U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
More results

Similar Description - G1084-15TU3UF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com