Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5111 Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G5111
Description  Micro-power Step-Up DC/DC Converters in SOT-23-5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5111 Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G5111 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5111 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5111 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5111 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5111 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5111 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5111 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5111 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver: 1.2
Sep 09, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G5111
Global Mixed-mode Technology Inc.
White LED Driver
R1
30_1%
R2
120k_1%
Dimming Ratio>50:1
Drive 2~8 White LEDs
R3
308k_1%
R4
660k_1%
VBIAS(+3.3V)
PWM Dim
PWM Dimming Control
VH=3.3V
VL=0V
Freq=160~240Hz
D2(Optional)
27V
C2
1µF
D1
MBR0530
L1
10µH/0.5A
SW
VCC
G5111
SHDN
FB
GND
VBAT
2.5V~5.5V
C1
4.7µF
ON/OFF Control
R1
30_1%
R2
120k_1%
Dimming Ratio>50:1
Drive 2~8 White LEDs
R3
308k_1%
R4
660k_1%
VBIAS(+3.3V)
PWM Dim
PWM Dimming Control
VH=3.3V
VL=0V
Freq=160~240Hz
D2(Optional)
27V
C2
1µF
D1
MBR0530
L1
10µH/0.5A
SW
VCC
G5111
SHDN
FB
GND
VBAT
2.5V~5.5V
C1
4.7µF
ON/OFF Control


Similar Part No. - G5111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
More results

Similar Description - G5111

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
G5122 GMT-G5122 Datasheet
182Kb / 6P
   Micro-power Inverting DC/DC Converters in SOT-23-5
logo
List of Unclassifed Man...
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
RICOH electronics devic...
RN5RKXX1A RICOH-RN5RKXX1A Datasheet
1Mb / 22P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com