Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5111T11UF Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5111T11UF
Description  Micro-power Step-Up DC/DC Converters in SOT-23-5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5111T11UF Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5111T11UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5111T11UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5111T11UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5111T11UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5111T11UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5111T11UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5111T11UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5111T11UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 1.2
Sep 09, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5111
Global Mixed-mode Technology Inc.
Micro-power Step-Up DC/DC Converters in SOT-23-5
Features
Configurable Output Voltage Up to 28V
20µA Quiescent Current
<1µA Shutdown Current
<1µA Shutdown Pin Current
Supply Range from 2.5V to 6.5V
Low VDS(on): 250mV (ISW=300mA)
Tiny SOT-23-5 Package
Applications
STN/TFT LCD Bias
Personal Digital Assistants (PDAs)
Handheld Computers
Digital Still Cameras
Cellular Phones
WebPad
White LED Driver
Local 3V to 5V Conversion
General Description
The G5111 boost converter is designed for small/ me-
dium size LCD panel of high bias voltage.
Due to a typical 20µA quiescent current and 2.5V~
6.5V supply voltage range, it is suitable for battery
powered portable applications. Such as PDAs and
Handheld Computers. When the IC sets to shutdown
mode, it only consumes less than 1µA.
Furthermore, the 350mA current limit, 500ns fixed
minimum off-time and tiny SOT-23-5 package facili-
tates the use of smaller inductor and other sur-
face-mount components to minimize the PCB size in
those space-conscious applications.
To control the IC, no other external current is needed
for the shutdown pin. It typically consumes less than
1µA of full supply range.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP. RANGE
PACKAGE
G5111T11U
G5111T11Uf
51xx
-40°C ~ +85°C
SOT-23-5
G5111T12U
G5111T12Uf
52xx
-40°C ~ +85°C
SOT-23-5
Pin Configuration
Typical Application Circuit
G963
VCC
SHDN
SOT-23-5
G5111 T11
5
4
1
SW
2
3
GND
FB
VCC
SW
SHDN
FB
GND
G5111
1µF
4.7µF
10µH
62k
V
IN
2.5V to 4.2V
1M
20V
12mA
G963
VCC
SHDN
SOT-23-5
G5111 T12
5
4
1
SW
2
3
GND
FB
G963
VCC
SHDN
SOT-23-5
G5111 T11
5
4
1
SW
2
3
GND
FB
VCC
SW
SHDN
FB
GND
G5111
1µF
4.7µF
10µH
62k
V
IN
2.5V to 4.2V
1M
20V
12mA
G963
VCC
SHDN
SOT-23-5
G5111 T12
5
4
1
SW
2
3
GND
FB


Similar Part No. - G5111T11UF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
More results

Similar Description - G5111T11UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
G5122 GMT-G5122 Datasheet
182Kb / 6P
   Micro-power Inverting DC/DC Converters in SOT-23-5
logo
List of Unclassifed Man...
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
RICOH electronics devic...
RN5RKXX1A RICOH-RN5RKXX1A Datasheet
1Mb / 22P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com