Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5130-30T11UF Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G5130-30T11UF
Description  PSM Step-up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5130-30T11UF Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G5130-30T11UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5130-30T11UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5130-30T11UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5130-30T11UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5130-30T11UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5130-30T11UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5130-30T11UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5130-30T11UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G5130-30T11UF Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ver: 0.5 Preliminary
Aug 18, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G5130/G5131
Global Mixed-mode Technology Inc.
Package Information
SOT-23-5 (T1) Package
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
1.10
1.30
0.039
0.043
0.051
A1
0.00
-----
0.10
0.000
-----
0.004
A2
0.70
0.80
0.90
0.028
0.031
0.035
b
0.35
0.40
0.50
0.014
0.016
0.020
C
0.10
0.15
0.25
0.004
0.006
0.010
D
2.70
2.90
3.10
0.106
0.114
0.122
E
1.40
1.60
1.80
0.055
0.063
0.071
e
-----
1.90(TYP)
-----
-----
0.075(TYP)
-----
e1
-----
0.95
-----
-----
0.037
-----
H
2.60
2.80
3.00
0.102
0.110
0.118
L
0.37
------
-----
0.015
-----
-----
θ
1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1


Similar Part No. - G5130-30T11UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130-30T11UF GMT-G5130-30T11UF Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
More results

Similar Description - G5130-30T11UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130 GMT-G5130 Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com