Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5130-35T11UF Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G5130-35T11UF
Description  PSM Step-up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5130-35T11UF Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G5130-35T11UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5130-35T11UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5130-35T11UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5130-35T11UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5130-35T11UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5130-35T11UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5130-35T11UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5130-35T11UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5130-35T11UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ver: 0.5 Preliminary
Aug 18, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G5130/G5131
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
LX to GND. . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V
CE to GND . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V
VOUT to GND . . . . . . . . . . . . . . . . . . . . ..-0.3V to +7V
Operating Temperature Range (Note 1) . -40°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . .+125°C
Storage Temperature . . . . . . . . . . . . . -65°C to +150°C
Reflow Temperature (soldering, 10 sec) . . . . . .+260°C
ESD Rating (Human Body Model) . . . . . . . . . . . . .2kV
Stress beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device.
Electrical Characteristics
(VOUT = 3.3V, VIN = 1.8V, TA = 25°C)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Output Voltage Accuracy
-2
---
+2
%
Input Voltage Range
---
---
6.5
V
Start-up Voltage
---
0.9
---
V
Hold-on Voltage
---
0.5
---
V
No Switching (IDD2)
---
10
15
µA
Switching (IDD1)
---
20
---
µA
Input Current
No Load (IIN)
---
30
---
µA
LX Switch On Resistance
VLX = 0.4V
---
2
6
Ω
LX Leakage Current
VLX = 6.0V
---
---
0.1
µA
Maximum Oscillation Frequency
70
100
130
kHz
Duty Cycle
65
75
85
%
VLX Voltage Limit
---
1
---
V
Efficiency
---
80
---
%
Note 1: The G5130 are guaranteed to meet performance specifications from 0°C to 85°C. Specifications over the -40°C to 85°C
operating temperature range are assured by design, characterization and correlation with statistical process controls.
Block Diagram
VLX LIMITER
DRIVER
PSM CONTROL
OSC 100kHz
SDIO
CE
-
+
Vref
GND
LX
Error Amp.
VOUT
VDD
VLX LIMITER
DRIVER
PSM CONTROL
OSC 100kHz
SDIO
CE
-
+
Vref
GND
LX
Error Amp.
VOUT
VDD


Similar Part No. - G5130-35T11UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130-35T11UF GMT-G5130-35T11UF Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
More results

Similar Description - G5130-35T11UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130 GMT-G5130 Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com