Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5130-40T21UF Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5130-40T21UF
Description  PSM Step-up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5130-40T21UF Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5130-40T21UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5130-40T21UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5130-40T21UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5130-40T21UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5130-40T21UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5130-40T21UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5130-40T21UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5130-40T21UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5130-40T21UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ver: 0.5 Preliminary
Aug 18, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5130/G5131
Global Mixed-mode Technology Inc.
PSM Step-up DC/DC Converter
Features
1~4 Cell Alkaline Battery Operating Range
Output Voltage Range: 2.5V~5.0V in 0.1V In-
crements
Minimum External Component (L, D, C)
100kHz Max. Oscillation Frequency
75% Duty Ratio
Up to 80% Efficiency
±2% High Output Voltage Accuracy
< 100ppm/°C Temperature Coefficient
SOT-89 and SOT-23-5 Small Packages
Applications
Power Source for Portable Equipments
Handheld Computers, Palmtops
Digital Still Cameras, Camcorders
Cellular Phones, Pagers
Portable Multimedia Players
General Description
The G5130/G5131 boost converter is designed for use
of main power source on portable equipments.
It consist of an oscillator, PSM control logic circuit, an
embedded power MOS (LX switch), accurate voltage
reference, error amplifier, feedback resistors, and LX
protection circuit.
Only 3 external components (includes 1 inductor, 1
diode and 1 capacitor) are needed to construct the
power application.
For larger output power application, G5131 can be
used to drive an external NPN device for more input
current.
Pin Configuration
Typical Application Circuit
Top View
Top View
SOT-89
12
3
SOT-23-5
12
3
G5130
1N5819
LX
VOUT
GND
27µH~120µH
Battery
VIN
VOUT
+
- 22µF~100µF
2.5V~5.0V
Step 0.1V
G5131
1N5819
EXT
VOUT
GND
27µH~120µH
Battery
VIN
VOUT
+
- 22µF~100µF
2.5V~5.0V
Step 0.1V
54
Top View
Top View
Top View
SOT-89
12
3
SOT-23-5
12
3
G5130
1N5819
LX
VOUT
GND
27µH~120µH
Battery
VIN
VOUT
+
- 22µF~100µF
2.5V~5.0V
Step 0.1V
G5131
1N5819
EXT
VOUT
GND
27µH~120µH
Battery
VIN
VOUT
+
- 22µF~100µF
2.5V~5.0V
Step 0.1V
54


Similar Part No. - G5130-40T21UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130-40T21UF GMT-G5130-40T21UF Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
More results

Similar Description - G5130-40T21UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130 GMT-G5130 Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com