Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN204 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # AN204
Description  PROSLIC짰 WINDOWS짰 GUI SOFTWARE USERs GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN204 Datasheet(HTML) 1 Page - Silicon Laboratories

  AN204 Datasheet HTML 1Page - Silicon Laboratories AN204 Datasheet HTML 2Page - Silicon Laboratories AN204 Datasheet HTML 3Page - Silicon Laboratories AN204 Datasheet HTML 4Page - Silicon Laboratories AN204 Datasheet HTML 5Page - Silicon Laboratories AN204 Datasheet HTML 6Page - Silicon Laboratories AN204 Datasheet HTML 7Page - Silicon Laboratories AN204 Datasheet HTML 8Page - Silicon Laboratories AN204 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 1.5 8/04
Copyright © 2004 by Silicon Laboratories
AN204
AN204
P RO SLIC W INDOWS  GUI S OFTWARE U SER S G UI DE
1. Introduction
The ProSLICWindows(graphical user interface) GUI
software uses the parallel port of a PC to communicate
with the ProSLIC’s SPI port. This document applies to
Rev 1.85 of the software. The program runs on
Windows® 98/NT/2000. Invoking the ProSLIC Windows
GUI software causes the device initialization sequence
to take place. During device initialization, all the direct
registers are read and put into the direct register table.
Default values are written to the indirect registers and
are read back into the indirect table. The device
number, revision number and clock frequency are
shown on the top left of the screen. (See Figure 1.)
1.1. Part Number Window
Figure 1. Top Left Corner
The Reset button pulls the ProSLIC reset pin to low
causing a hardware reset.
The Reinitialize button repeats the device initialize
sequence.
The Reg Set button carries out the register writes
shown in Table 1.
When the Continuous Read All button is in the “on”
position, the direct register table is continuously
updated. The registers are updated until the Continuous
Read All button is changed to the “off” position.
When the Read All Indirect button is pressed, the values
in
the
indirect
register
table
are
updated
instantaneously. Continuous read is not available for the
indirect registers.
Table 1. Register Writes
Direct
Register
Value
(Hex)
Function
92
7F
Set dc-dc converter
93
12
Set dc-dc converter
14
0
Turn on dc-dc converter
97
1E
Calibration
96
5F
Calibration
8
0
Turn off loopback
10
28
Impedance compensation
1
28
Enable PCM bus
34
18
Enable Ringing Cadence
48
80
Ring Cadence Timer
49
3E
Ring Cadence Timer
51
7D
Ringing Cadence Timer
69
0C
Loop Closure Debounce
71
1
Set current limit to 23 mA
108
EB
Enhancement Enable
97
1
Common Mode Calibration
96
40
Common Mode Calibration
19
FF
Clear and enable interrupts
22
FF
Clear and enable interrupts


Similar Part No. - AN204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2042 STMICROELECTRONICS-AN2042 Datasheet
542Kb / 30P
   brightness LEDs with VIPer22A-E
AN2044 STMICROELECTRONICS-AN2044 Datasheet
57Kb / 9P
   OPERATING PRINCIPALS FOR PRACTISPIN
AN2046 STMICROELECTRONICS-AN2046 Datasheet
411Kb / 19P
   STR71X CLOCK CONFIGURATIONS EASY SETUP
AN2048 STMICROELECTRONICS-AN2048 Datasheet
620Kb / 13P
   STMicroelectronics has been strongly
More results

Similar Description - AN204

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
   Software Users Guide
logo
Silicon Laboratories
AN265 SILABS-AN265 Datasheet
578Kb / 20P
   2ND-GENERATION PROSLIC짰 GUI USER?셎 GUIDE
logo
Zilog, Inc.
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
logo
Cirrus Logic
CDB5480U CIRRUS-CDB5480U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
CDB5484U CIRRUS-CDB5484U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
Cirrus Logic
CDB5463U CIRRUS-CDB5463U Datasheet
1Mb / 38P
   Engineering Board and GUI Software
CDB5464U CIRRUS-CDB5464U Datasheet
1Mb / 38P
   CDB5464U Engineering Borad and GUI Software
CDB5467U CIRRUS-CDB5467U Datasheet
1Mb / 38P
   CDB5467U Engineering Board and GUI Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com