Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74VHCT74 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74VHCT74
Description  Dual D Flip-Flop with Set and Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74VHCT74 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74VHCT74 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74VHCT74 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74VHCT74 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74VHCT74 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74VHCT74 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74VHCT74 Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74VHCT74 Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA
KK74VHCT74
Dual D Flip-Flop with Set and Reset
KK74VHCT74 is high-speed logic IC made by CMOS
technology and designed for use in high-performance
calculating systems with a wide supply voltage range.
As for operation speed, KK74VHCT74 can be compared
with equivalent bipolar ICs based on Schottky TTL and two
times surpasses ICs of KK74НС series.
KK74VHCT74 tolerates operation under conditions when
voltage on input & output is exceeded up to 7V without
affecting characteristics and IC reliability. This possibility
allows to use KK74VHCT74 in radio-electronic devices for
interfacing with supply voltages 5V and 3V, eliminate IC
failure under supply voltage source emergency outage.
Use of output edge shaping block in the microcircuit
allows to reduce noise amplitude of noises when switching
outputs into the same state simultaneously.
Input levels of KK74VHCT74 are compatible with TTL level
and output levels with CMOS levels.
ORDERING INFORMATION
KK74VHCT74N Plastic
KK74VHCT74D SOIC
TA = -40° to 85° C for all
packages
Features:
• Supply voltage range 4.5 to 5.5 V.
• Output current 8 mA.
• Low consumption current: 0.2 mkA (typical value) at Та = 25 °С.
• Latchup current not less than 300 mA at Та = 85 °С.
• Tolerable value of static potential not less than 2000 V as per human body model (HBM) and
not less than 200 V as per machine model (ММ).
• Ambient operation temperature minus 40 to plus 85 °С.
• Balanced signal propagation delay.
• Ensures voltage exceeding mode on input
• Low noise level at the simultaneous switching of outputs in the same state:
VOLP = 0.8 V (max).
• For pins and functions, compatible with KK74HCT74.
.
1


Similar Part No. - KK74VHCT74

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHCT00 KODENSHI-KK74VHCT00 Datasheet
268Kb / 6P
   Quad 2-Input NOR Gate
KK74VHCT02 KODENSHI-KK74VHCT02 Datasheet
269Kb / 6P
   Quad 2-Input NOR Gate
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
   Quad 3-State Noninverting Buffers
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
More results

Similar Description - KK74VHCT74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A_14 Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
MC74HC74A ONSEMI-MC74HC74A_14 Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com