Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83627F-AW Datasheet(PDF) 7 Page - Winbond

Part # W83627F-AW
Description  Winbond LPC I/O
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83627F-AW Datasheet(HTML) 7 Page - Winbond

Back Button W83627F-AW Datasheet HTML 3Page - Winbond W83627F-AW Datasheet HTML 4Page - Winbond W83627F-AW Datasheet HTML 5Page - Winbond W83627F-AW Datasheet HTML 6Page - Winbond W83627F-AW Datasheet HTML 7Page - Winbond W83627F-AW Datasheet HTML 8Page - Winbond W83627F-AW Datasheet HTML 9Page - Winbond W83627F-AW Datasheet HTML 10Page - Winbond W83627F-AW Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 131 page
background image
W83627HF/ F/ HG/ G
Publication Release Date: June 09, 2006
- 3 -
Revision 2.27
2. FEATURES
General
• Meet LPC Spec. 1.0
• Support LDRQ#(LPC DMA), SERIRQ (serial IRQ)
• Include all the features of Winbond I/O W83977TF and W83977EF
• Integrate Hardware Monitor functions
• Compliant with Microsoft PC98/PC99 Hardware Design Guide
• Support DPM (Device Power Management), ACPI
• Programmable configuration settings
• Single 24 or 48 MHz clock input
FDC
• Compatible with IBM PC AT disk drive systems
• Variable write pre-compensation with track selectable capability
• Support vertical recording format
• DMA enable logic
• 16-byte data FIFOs
• Support floppy disk drives and tape drives
• Detects all overrun and underrun conditions
• Built-in address mark detection circuit to simplify the read electronics
• FDD anti-virus functions with software write protect and FDD write enable signal (write data
signal was forced to be inactive)
• Support up to four 3.5-inch or 5.25-inch floppy disk drives
• Completely compatible with industry standard 82077
• 360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
• Support 3-mode FDD, and its Win95/98 driver
UART
• Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs
• MIDI compatible
• Fully programmable serial-interface characteristics:
5, 6, 7 or 8-bit characters
Even, odd or no parity bit generation/detection
1, 1.5 or 2 stop bits generation


Similar Part No. - W83627F-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627F WINBOND-W83627F Datasheet
1Mb / 185P
   WINBOND I/O
More results

Similar Description - W83627F-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627THF WINBOND-W83627THF_06 Datasheet
990Kb / 142P
   Winbond LPC I/O
W83627THF WINBOND-W83627THF Datasheet
840Kb / 132P
   Winbond LPC I/O
W83697HG WINBOND-W83697HG Datasheet
710Kb / 109P
   WINBOND LPC I/O
W83627DHG WINBOND-W83627DHG Datasheet
1Mb / 268P
   WINBOND LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
W83627UHG WINBOND-W83627UHG Datasheet
1Mb / 241P
   WINBOND LPC I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com