Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT390MTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HCT390MTG4
Description  High-Speed CMOS Logic Dual Decade Ripple Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT390MTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HCT390MTG4 Datasheet HTML 2Page - Texas Instruments CD74HCT390MTG4 Datasheet HTML 3Page - Texas Instruments CD74HCT390MTG4 Datasheet HTML 4Page - Texas Instruments CD74HCT390MTG4 Datasheet HTML 5Page - Texas Instruments CD74HCT390MTG4 Datasheet HTML 6Page - Texas Instruments CD74HCT390MTG4 Datasheet HTML 7Page - Texas Instruments CD74HCT390MTG4 Datasheet HTML 8Page - Texas Instruments CD74HCT390MTG4 Datasheet HTML 9Page - Texas Instruments CD74HCT390MTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Reset Removal Time
tREM
2
70-
-90-
105
-
ns
4.5
14
-
-
18
-
21
-
ns
6
12-
-15-18
-
ns
Reset Pulse Width
tW
2
50-
-65-75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
HCT TYPES
Maximum Clock
Frequency
fMAX
4.5
27
-
-
22
-
18
-
MHz
Clock Pulse Width,
nCP0, nCP1
tW
4.5
19
-
-
24
-
29
-
ns
Reset Removal Time
tREM
4.5
15
-
-
19
-
22
-
ns
Reset Pulse Width
tW
4.5
13
-
-
16
-
20
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay (Figure 1)
tPLH,
tPHL
CL = 50pF
2
-
-
175
-
220
-
265
ns
nCP0 to nQ0
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
nCP1 to nQ1
tPLH,
tPHL
CL = 50pF
2
-
-
185
-
230
-
280
ns
4.5
-
-
37
-
46
-
56
ns
6
-
-
31
-
39
-
48
ns
nCP1 to nQ2
tPLH,
tPHL
CL = 50pF
2
-
-
245
-
305
-
370
ns
4.5
-
-
49
-
61
-
74
ns
6
-
-
42
-
52
-
63
ns
nCP1 to nQ3
tPLH,
tPHL
CL = 50pF
2
-
-
180
-
225
-
270
ns
4.5
-
-
36
-
45
-
54
ns
5
-
15
-
-
-
-
-
ns
6
-
-
31
-
38
-
46
ns
nCP0 to nQ3
(nQ0 connected to nCP1)
tPLH,
tPHL
CL = 50pF
2
-
-
365
-
455
-
550
ns
4.5
-
-
73
-
91
-
110
ns
6
-
-
62
-
77
-
94
ns
MR to Qn
tPLH,
tPHL
CL = 50pF
2
-
-
190
-
240
-
285
ns
4.5
-
-
38
-
48
-
57
ns
CL =15pF
5
-
16
-
-
-
-
-
ns
CL = 50pF
6
-
-
32
-
41
-
48
ns
Prerequisite for Switching Specifications
(Continued)
CHARACTERISTIC
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD74HC390, CD54HCT390, CD74HCT390


Similar Part No. - CD74HCT390MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT390MTG4 TI-CD74HCT390MTG4 Datasheet
453Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
More results

Similar Description - CD74HCT390MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390_08 Datasheet
453Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
   Dual decade ripple counter
December 1990
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Texas Instruments
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93_06 Datasheet
202Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Ripple Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com