Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBE30L Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBE30L
Description  HEXFET짰 Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBE30L Datasheet(HTML) 1 Page - International Rectifier

  IRFBE30L Datasheet HTML 1Page - International Rectifier IRFBE30L Datasheet HTML 2Page - International Rectifier IRFBE30L Datasheet HTML 3Page - International Rectifier IRFBE30L Datasheet HTML 4Page - International Rectifier IRFBE30L Datasheet HTML 5Page - International Rectifier IRFBE30L Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
06/11/03
www.irf.com
1
IRFBE30S
IRFBE30L
Dynamic dv/dt Rating
Repetitive Avalanche Rated
Fast Switching
Ease of Paralleling
Simple Drive Requirements
PD - 94694
Description
Third Generation HEXFETs from International
Rectifier provide the designer with the best
combination of fast switching, ruggedized device
design, low on-resistance and cost-effectiveness.
D2Pak
IRFBE30S
TO-262
IRFBE30L
HEXFET® Power MOSFET
S
D
G
VDSS = 800V
RDS(on) = 3.0Ω
ID = 4.1A
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
c
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
–––
1.0
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
–––
0.50
–––
RθJA
Junction-to-Ambient
–––
–––
62
10 lbf•in (1.1N•m)
125
1.0
± 20
13
260
4.1
300 (1.6mm from case )
-55 to + 150
2.0
Max.
4.1
2.6
16


Similar Part No. - IRFBE30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBE30L VISHAY-IRFBE30L Datasheet
1Mb / 8P
   Power MOSFET
S-81432-Rev. A, 07-Jul-08
IRFBE30L VISHAY-IRFBE30L Datasheet
511Kb / 11P
   Power MOSFET
09-Jul-2021
IRFBE30L VISHAY-IRFBE30L Datasheet
517Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFBE30LPBF IRF-IRFBE30LPBF Datasheet
588Kb / 10P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBE30LPBF VISHAY-IRFBE30LPBF Datasheet
1Mb / 8P
   Power MOSFET
S-81432-Rev. A, 07-Jul-08
More results

Similar Description - IRFBE30L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com