Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM401 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # SM401
Description  SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SM401 Datasheet(HTML) 2 Page - Polyfet RF Devices

  SM401 Datasheet HTML 1Page - Polyfet RF Devices SM401 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S4A 1 DIE ID & GM Vs VG
1.00
10.00
100.00
0
2
4
6
8
10
12
14
Vgs in Volts
Id
gM
S4 1 DIE CAPACITANCE
10
100
1000
0
5
10
15
20
25
30
VDS IN VOLTS
Coss
Ciss
Crss
SM401 Pout vs Pin Freq=175MHz, Vds=28Vdc, Idq=.8A
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
12
14
16
18
20
Pin in Watts
9
10
11
12
13
14
Pout
Gain
Efficiency@120W = 70%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
SM401
S4A 1 DIE IV
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
14
16
18
20
VDS IN VOLTS
vg=2v
Vg=4v
Vg=6v
Vg=8v
Vg=10v
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION
01/28/2002
Tolerance .XX +/-0.01
.XXX +/-.005 inches


Similar Part No. - SM401

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM4012 SILICONMITUS-SM4012 Datasheet
270Kb / 1P
   Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
logo
Bivar, Inc.
SM4014UWDC02 BIVAR-SM4014UWDC02 Datasheet
586Kb / 5P
   SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
SM4014UWDN02 BIVAR-SM4014UWDN02 Datasheet
586Kb / 5P
   SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
SM4014UWDW02 BIVAR-SM4014UWDW02 Datasheet
586Kb / 5P
   SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
SM4014UWDX02 BIVAR-SM4014UWDX02 Datasheet
586Kb / 5P
   SURFACE MOUNT LED WHITE, 4014 PACKAGE, 0.2W
Revision A 10/15
More results

Similar Description - SM401

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SD703 POLYFET-SD703 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK204 POLYFET-SK204 Datasheet
34Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK701 POLYFET-SK701 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SM706 POLYFET-SM706 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SM724 POLYFET-SM724 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SR746 POLYFET-SR746 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SC721 POLYFET-SC721 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SH703 POLYFET-SH703 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SH702 POLYFET-SH702 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK702 POLYFET-SK702 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SM703 POLYFET-SM703 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com