Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HC132A Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74HC132A
Description  Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC132A Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74HC132A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC132A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC132A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC132A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC132A Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KK74HC132A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VT+max
Maximum Positive-
Going Input
Threshold Voltage
VOUT=0.1 V
⎢I
OUT⎢≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VT+min
Minimum Positive-
Going Input
Threshold Voltage
VOUT=0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
1.0
2.3
3.0
0.95
2.25
2.95
0.95
2.25
2.95
V
VT-max
Maximum Negative-
Going Input
Threshold Voltage
VOUT=VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
2.0
4.5
6.0
0.9
2.0
2.6
0.95
2.05
2.65
0.95
2.05
2.65
V
VT-min
Minimum Negative-
Going Input
Threshold Voltage
VOUT=VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VHmax
Note
Maximum Hysteresis
Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
1.2
2.25
3.0
1.2
2.25
3.0
1.2
2.25
3.0
V
VHmin
Note
Minimum Hysteresis
Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.2
0.4
0.5
0.2
0.4
0.5
0.2
0.4
0.5
V
VOH
Minimum High-
Level Output Voltage
VIN≤VT-min or VT+max
⎢I
out⎢ ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN≤VT-min or VT+max
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-
Level Output Voltage
VIN ≥VT+max
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN≥ VT+max
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
6.0
1.0
10
40
µA
Note. VHmin>(VT+min)-(VT-max); VHmax=(VT+max)+(VT-min).
3


Similar Part No. - KK74HC132A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC138A KODENSHI-KK74HC138A Datasheet
225Kb / 6P
   1-of-8 Decoder/Demultiplexer
KK74HC138AD KODENSHI-KK74HC138AD Datasheet
225Kb / 6P
   1-of-8 Decoder/Demultiplexer
KK74HC138AN KODENSHI-KK74HC138AN Datasheet
225Kb / 6P
   1-of-8 Decoder/Demultiplexer
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
KK74HC139AD KODENSHI-KK74HC139AD Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
More results

Similar Description - KK74HC132A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC132 INTEGRAL-IN74AC132 Datasheet
108Kb / 4P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
IN74HC132A INTEGRAL-IN74HC132A Datasheet
125Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC132A IKSEMICON-IN74HC132A Datasheet
189Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
IN74HCT132A IKSEMICON-IN74HCT132A Datasheet
188Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT132 KODENSHI-KK74ACT132 Datasheet
241Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74HCT132A KODENSHI-KK74HCT132A Datasheet
195Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74AC132 KODENSHI-KK74AC132 Datasheet
242Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT132 IKSEMICON-IN74ACT132 Datasheet
175Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT132 SLS-SL74HCT132 Datasheet
68Kb / 6P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC132A MOTOROLA-MC54HC132A Datasheet
197Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS HIGH-PERFORMANCE SILICON-GATE CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com