Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC10DTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC10DTE4
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC10DTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC10DTE4 Datasheet HTML 1Page - Texas Instruments SN74HC10DTE4 Datasheet HTML 2Page - Texas Instruments SN74HC10DTE4 Datasheet HTML 3Page - Texas Instruments SN74HC10DTE4 Datasheet HTML 4Page - Texas Instruments SN74HC10DTE4 Datasheet HTML 5Page - Texas Instruments SN74HC10DTE4 Datasheet HTML 6Page - Texas Instruments SN74HC10DTE4 Datasheet HTML 7Page - Texas Instruments SN74HC10DTE4 Datasheet HTML 8Page - Texas Instruments SN74HC10DTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HC10, SN74HC10
TRIPLE 3INPUT POSITIVENAND GATES
SCLS083D − DECEMBER 1982 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 9 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
SN54HC10 ...J OR W PACKAGE
SN74HC10 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
1Y
NC
3C
NC
3B
2A
NC
2B
NC
2C
SN54HC10 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The ’HC10 devices contain three independent 3-input NAND gates. They perform the Boolean function
Y = A
• B • C or Y = A + B + C in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC10N
SN74HC10N
Tube of 50
SN74HC10D
SOIC − D
Reel of 2500
SN74HC10DR
HC10
SOIC − D
Reel of 250
SN74HC10DT
HC10
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC10NSR
HC10
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC10DBR
HC10
Tube of 90
SN74HC10PW
TSSOP − PW
Reel of 2000
SN74HC10PWR
HC10
TSSOP − PW
Reel of 250
SN74HC10PWT
HC10
CDIP − J
Tube of 25
SNJ54HC10J
SNJ54HC10J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC10W
SNJ54HC10W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC10FK
SNJ54HC10FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC10DTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC10DTE4 TI1-SN74HC10DTE4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74HC10DTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN5410 TI-SN5410 Datasheet
597Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com