Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC166DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC166DRG4
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC166DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC166DRG4 Datasheet HTML 2Page - Texas Instruments SN74HC166DRG4 Datasheet HTML 3Page - Texas Instruments SN74HC166DRG4 Datasheet HTML 4Page - Texas Instruments SN74HC166DRG4 Datasheet HTML 5Page - Texas Instruments SN74HC166DRG4 Datasheet HTML 6Page - Texas Instruments SN74HC166DRG4 Datasheet HTML 7Page - Texas Instruments SN74HC166DRG4 Datasheet HTML 8Page - Texas Instruments SN74HC166DRG4 Datasheet HTML 9Page - Texas Instruments SN74HC166DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN54HC166, SN74HC166
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS117D − DECEMBER 1982 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC166
SN74HC166
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
11
4.2
5
fmax
4.5 V
31
36
21
25
MHz
fmax
6 V
36
45
25
29
MHz
2 V
62
120
180
150
tPHL
CLR
QH
4.5 V
18
24
36
30
ns
tPHL
CLR
QH
6 V
13
20
31
26
ns
2 V
75
150
225
190
tpd
CLK
QH
4.5 V
15
30
45
38
ns
tpd
CLK
QH
6 V
13
26
38
32
ns
2 V
38
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
50
pF


Similar Part No. - SN74HC166DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC166DRG4 TI1-SN74HC166DRG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Similar Description - SN74HC166DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com