Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F324BK2T3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72F324BK2T3
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324BK2T3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72F324BK2T3 Datasheet HTML 4Page - STMicroelectronics ST72F324BK2T3 Datasheet HTML 5Page - STMicroelectronics ST72F324BK2T3 Datasheet HTML 6Page - STMicroelectronics ST72F324BK2T3 Datasheet HTML 7Page - STMicroelectronics ST72F324BK2T3 Datasheet HTML 8Page - STMicroelectronics ST72F324BK2T3 Datasheet HTML 9Page - STMicroelectronics ST72F324BK2T3 Datasheet HTML 10Page - STMicroelectronics ST72F324BK2T3 Datasheet HTML 11Page - STMicroelectronics ST72F324BK2T3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 188 page
background image
Contents
ST72324B
8/188
15.1.2
External interrupt missed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
15.1.3
Unexpected reset fetch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 182
15.1.4
Clearing active interrupts outside interrupt routine . . . . . . . . . . . . . . . 182
15.1.5
16-bit timer PWM mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 183
15.1.6
TIMD set simultaneously with OC interrupt . . . . . . . . . . . . . . . . . . . . . 183
15.1.7
SCI wrong break duration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 183
15.2
8/16 Kbyte Flash devices only . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
15.2.1
39-pulse ICC entry mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
15.2.2
Negative current injection on pin PB0 . . . . . . . . . . . . . . . . . . . . . . . . . 184
15.3
8/16 Kbyte ROM devices only . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
15.3.1
Readout protection with LVD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
15.3.2
I/O Port A and F configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
16
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186


Similar Part No. - ST72F324BK2T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F324BK2T3 STMICROELECTRONICS-ST72F324BK2T3 Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
More results

Similar Description - ST72F324BK2T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
ST72321BXXX-AUTO STMICROELECTRONICS-ST72321BXXX-AUTO Datasheet
4Mb / 247P
   8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
   Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com