Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC86PWLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC86PWLE
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC86PWLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC86PWLE Datasheet HTML 1Page - Texas Instruments SN74HC86PWLE Datasheet HTML 2Page - Texas Instruments SN74HC86PWLE Datasheet HTML 3Page - Texas Instruments SN74HC86PWLE Datasheet HTML 4Page - Texas Instruments SN74HC86PWLE Datasheet HTML 5Page - Texas Instruments SN74HC86PWLE Datasheet HTML 6Page - Texas Instruments SN74HC86PWLE Datasheet HTML 7Page - Texas Instruments SN74HC86PWLE Datasheet HTML 8Page - Texas Instruments SN74HC86PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC86, SN74HC86
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SCLS100E – DECEMBER 1982 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 10 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D True Logic
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HC86 ...J OR W PACKAGE
SN74HC86 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HC86 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
These devices contain four independent 2-input exclusive-OR gates. They perform the Boolean function
Y = A
B or Y = AB + AB in positive logic.
A common application is as a true / complement element. If one of the inputs is low, the other input is reproduced
in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the
output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC86N
SN74HC86N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC86D
HC86
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HC86DR
HC86
–40
°C to 85°C
Reel of 250
SN74HC86DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC86NSR
HC86
TSSOP – PW
Tube of 90
SN74HC86PW
HC86
TSSOP – PW
Reel of 2000
SN74HC86PWR
HC86
Reel of 250
SN74HC86PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC86J
SNJ54HC86J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC86W
SNJ54HC86W
LCCC – FK
Tube of 55
SNJ54HC86FK
SNJ54HC86FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC86PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC86PWLE TI-SN74HC86PWLE Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74HC86PWLE TI1-SN74HC86PWLE Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74HC86PWLE TI1-SN74HC86PWLE Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - SN74HC86PWLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
74AHC86 DIODES-74AHC86 Datasheet
292Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com