Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F324BJ2T6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72F324BJ2T6
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324BJ2T6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72F324BJ2T6 Datasheet HTML 6Page - STMicroelectronics ST72F324BJ2T6 Datasheet HTML 7Page - STMicroelectronics ST72F324BJ2T6 Datasheet HTML 8Page - STMicroelectronics ST72F324BJ2T6 Datasheet HTML 9Page - STMicroelectronics ST72F324BJ2T6 Datasheet HTML 10Page - STMicroelectronics ST72F324BJ2T6 Datasheet HTML 11Page - STMicroelectronics ST72F324BJ2T6 Datasheet HTML 12Page - STMicroelectronics ST72F324BJ2T6 Datasheet HTML 13Page - STMicroelectronics ST72F324BJ2T6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 188 page
background image
Pin description
ST72324B
10/188
2
Pin description
Figure 2.
44-pin LQFP package pinout
Figure 3.
42-pin SDIP package pinout
44 43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
ei2
ei3
ei0
ei1
PB3
(HS) PB4
AIN0/PD0
AIN1/PD1
AIN2/PD2
AIN3/PD3
AIN4/PD4
RDI / PE1
PB0
PB1
PB2
PC6/SCK/ICCCLK
PC5/MOSI/AIN14
PC4 / MISO/ICCDATA
PC3 (HS)/ICAP1_B
PC2 (HS)/ICAP2_B
PC1/OCMP1_B/AIN13
PC0/OCMP2_B/AIN12
VSS_1
VDD_1
PA3 (HS)
PC7/SS/AIN15
eix
associated external interrupt vector
(HS) 20mA high sink capability
38
37
36
35
34
33
32
31
30
29
28
27
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
39
40
41
42
(HS) PB4
AIN0 / PD0
AIN12 / OCMP2_B / PC0
EXTCLK_A / (HS) PF7
ICAP1_A / (HS) PF6
AIN10 / OCMP1_A / PF4
(HS) PF2
BEEP / (HS) PF1
MCO / AIN8 / PF0
AIN5 / PD5
AIN4 / PD4
AIN3 / PD3
AIN2 / PD2
AIN1 / PD1
VSSA
VAREF
PB3
PB2
PA4 (HS)
PA5 (HS)
PA6 (HS)
PA7 (HS)
VPP / ICCSEL
RESET
VSS_2
VDD_2
PE0 / TDO
PE1 / RDI
PB0
PB1
OSC1
OSC2
ei3
ei0
ei2
ei1
21
20
17
18
19
AIN14 / MOSI / PC5
ICCDATA / MISO / PC4
ICAP1_B / (HS) PC3
ICAP2_B/ (HS) PC2
AIN13 / OCMP1_B / PC1
26
25
24
23
22
PC6 / SCK / ICCCLK
PC7 / SS / AIN15
PA3 (HS)
VDD_1
VSS_1
eix
associated external interrupt vector
(HS) 20mA high sink capability


Similar Part No. - ST72F324BJ2T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F324BJ2T6 STMICROELECTRONICS-ST72F324BJ2T6 Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
More results

Similar Description - ST72F324BJ2T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
ST72321BXXX-AUTO STMICROELECTRONICS-ST72321BXXX-AUTO Datasheet
4Mb / 247P
   8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
   Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com