Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7316PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7316PBF
Description  HEXFET짰Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7316PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7316PBF Datasheet HTML 1Page - International Rectifier IRF7316PBF Datasheet HTML 2Page - International Rectifier IRF7316PBF Datasheet HTML 3Page - International Rectifier IRF7316PBF Datasheet HTML 4Page - International Rectifier IRF7316PBF Datasheet HTML 5Page - International Rectifier IRF7316PBF Datasheet HTML 6Page - International Rectifier IRF7316PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRF7316PbF
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
0.50
SINGLE PULSE
(THERMAL RESPONSE)
0
200
400
600
800
1000
1200
1400
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
Ciss
Coss
Crss
VGS = 0V
f = 1 MHz
Ciss = Cgs + Cgd + Cds
SHORTED
Crss = Cgd
Coss = Cds + Cgd
-
0
10
20
30
40
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
I =
D
-4.9A
V
=-15V
DS


Similar Part No. - IRF7316PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316PBF IRF-IRF7316PBF Datasheet
209Kb / 7P
   Generation V Technology
IRF7316PBF IRF-IRF7316PBF Datasheet
209Kb / 7P
   GENERATION V TECHNOLOGY
IRF7316PBF-1 IRF-IRF7316PBF-1 Datasheet
208Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7316PBF-1 IRF-IRF7316PBF-1_15 Datasheet
208Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7316PBF IRF-IRF7316PBF_15 Datasheet
209Kb / 7P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7316PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com