Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HCT02A Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74HCT02A
Description  Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HCT02A Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74HCT02A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HCT02A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HCT02A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HCT02A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HCT02A Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
KK74HCT02A
Quad 2-Input NOR Gate
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
KK74HCT02AN Plastic
KK74HCT02AD SOIC
TA = -55° to 125° C for all packages
The KK74HCT02A is identical in pinout to the LS/ALS02. The
KK74HCT02A may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
1


Similar Part No. - KK74HCT02A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HCT00A KODENSHI-KK74HCT00A Datasheet
466Kb / 5P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT00AD KODENSHI-KK74HCT00AD Datasheet
466Kb / 5P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT00AN KODENSHI-KK74HCT00AN Datasheet
466Kb / 5P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
KK74HCT04AD KODENSHI-KK74HCT04AD Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HCT02A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT02AD INTEGRAL-IN74HCT02AD Datasheet
73Kb / 4P
   Quad 2-Input NOR Gate (High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC54HC02A MOTOROLA-MC54HC02A Datasheet
98Kb / 7P
   QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
System Logic Semiconduc...
SL74HCT02 SLS-SL74HCT02 Datasheet
33Kb / 4P
   Quad 2-Input NOR Gate(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IW4001B INTEGRAL-IW4001B Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
IN74AC02 INTEGRAL-IN74AC02 Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT02 KODENSHI-KK74ACT02 Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
[Old version datasheet]   CMOS Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com