Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM300DVA120 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM300DVA120
Description  USING INTELLIGENT POWER MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300DVA120 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM300DVA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300DVA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300DVA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300DVA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300DVA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300DVA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Sep.1998
Description:
Mitsubishi Intelligent Power Mod-
ules are isolated base modules de-
signed for power switching applica-
tions operating at frequencies to
20kHz. Built-in control circuits pro-
vide optimum gate drive and pro-
tection for the IGBT and free-wheel
diode power devices.
Features:
Complete Output Power
Circuit
Gate Drive Circuit
Protection Logic
– Short Circuit
– Over Current
– Over Temperature
– Under Voltage
Applications:
Inverters
UPS
Motion/Servo Control
Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM10CSJ060 is a 600V,
10 Ampere Intelligent Power Mod-
ule.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
10
60
Dimensions
Inches
Millimeters
A
3.72
±0.04
94.5
±1.0
B
3.33
±0.02
84.5
±0.5
C
2.99
76.0
D
2.300
±0.02
58.42
±0.5
E
2.20
±0.02
56.0
±0.5
F
1.73
±0.04
44.0
±1.0
G
1.32
±0.03
33.6
±0.8
H
1.01
25.7
J
0.75
19.0
K
0.71
±0.04
18.0
±1.0
Dimensions
Inches
Millimeters
L
0.561
14.25
M
0.55
±0.01
14.0
±0.25
N
0.513
13.04
P
0.31
±0.02
8.0
±0.5
Q
0.300
7.62
R
0.20 Rad.
Rad. 5.0
S
0.18 Dia.
Dia. 4.5
T
0.14
3.5
U
0.13
±0.02
3.2
±0.5
V
0.100
±0.01
2.54
±0.25
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE
INSULATED PACKAGE
Outline Drawing and Circuit Diagram
A
E
D
C
Q
Q
V
Q
H J
F
G
T
P
K
U
1.
2.
3.
4.
5.
6.
7.
8.
9.
V
V
V
V
V
UPI
10.
11.
12.
13.
14.
15.
16.
17.
18.
19.
20.
W
V
U
N
P
VN1
UPC
VPI
VPC
V
V
WPI
WPC
NC
1
MMMM
2.0 X 0.5 MM TAB (5 TYP.)
PN
UV
W
21.
22.
23.
F O
V
W
U
N
N
N
WP
WFO
VP
UP
VFO
O
UF
2 3 4
567 8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
0.6 X 0.4 MM TAB (18 TYP.)
(14 TYP.)
N
B
L
S - DIA.
(2 TYP.)
R (2 TYP.)
T
T
C
B
GND
P
U
V
W
N


Similar Part No. - PM300DVA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300DVA120 MITSUBISHI-PM300DVA120 Datasheet
58Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
logo
Mitsubishi Electric Sem...
PM300DVA120 MITSUBISHI-PM300DVA120 Datasheet
89Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM300DVA120 MITSUBISHI-PM300DVA120 Datasheet
92Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM300DVA120 MITSUBISHI-PM300DVA120_00 Datasheet
89Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300DVA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com