Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC30UPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4PC30UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30UPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG4PC30UPBF Datasheet HTML 1Page - International Rectifier IRG4PC30UPBF Datasheet HTML 2Page - International Rectifier IRG4PC30UPBF Datasheet HTML 3Page - International Rectifier IRG4PC30UPBF Datasheet HTML 4Page - International Rectifier IRG4PC30UPBF Datasheet HTML 5Page - International Rectifier IRG4PC30UPBF Datasheet HTML 6Page - International Rectifier IRG4PC30UPBF Datasheet HTML 7Page - International Rectifier IRG4PC30UPBF Datasheet HTML 8Page - International Rectifier IRG4PC30UPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRG4PC30UPbF
4
www.irf.com
Fig. 6- Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Collector-to-Emitter Voltage vs.
JunctionTemperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
1.5
2.0
2.5
3.0
-60 -40
-20
0
20
40
60
80
100 120 140 160
V
= 15V
80µs PULSE WIDTH
GE
A
T , Junction Temperature (°C)
J
I = 24A
I = 12A
I = 6.0A
C
C
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
SINGLE PULSE
(THERMAL RESPONSE)
P
t2
1
t
DM
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
12
J
DM
thJC
C
0
5
10
15
20
25
25
50
75
100
125
150
T , Case Temperature (°C)
C
V
= 15V
GE
A


Similar Part No. - IRG4PC30UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30UPBF IRF-IRG4PC30UPBF Datasheet
274Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30UPBF IRF-IRG4PC30UPBF_15 Datasheet
274Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC30UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
640Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC40UPBF IRF-IRG4PC40UPBF Datasheet
633Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-PPBF IRF-IRG4PC60U-PPBF Datasheet
235Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-P IRF-IRG4PC60U-P Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
logo
Vishay Siliconix
VS-GA200SA60UP VISHAY-VS-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
GA200SA60UP VISHAY-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
logo
International Rectifier
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com