Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR7821PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR7821PBF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR7821PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLR7821PBF Datasheet HTML 1Page - International Rectifier IRLR7821PBF Datasheet HTML 2Page - International Rectifier IRLR7821PBF Datasheet HTML 3Page - International Rectifier IRLR7821PBF Datasheet HTML 4Page - International Rectifier IRLR7821PBF Datasheet HTML 5Page - International Rectifier IRLR7821PBF Datasheet HTML 6Page - International Rectifier IRLR7821PBF Datasheet HTML 7Page - International Rectifier IRLR7821PBF Datasheet HTML 8Page - International Rectifier IRLR7821PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRLR/U7821PbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
23
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.5
10
m
–––
9.5
12.5
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-5.3
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
46
–––
–––
S
Qg
Total Gate Charge
–––
10
14
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.0
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
2.5
–––
Qgodr
Gate Charge Overdrive
–––
4.3
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.7
–––
Qoss
Output Charge
–––
8.5
–––
nC
td(on)
Turn-On Delay Time
–––
11
–––
tr
Rise Time
–––
4.2
–––
td(off)
Turn-Off Delay Time
–––
10
–––
ns
tf
Fall Time
–––
3.2
–––
Ciss
Input Capacitance
–––
1030
–––
Coss
Output Capacitance
–––
360
–––
pF
Crss
Reverse Transfer Capacitance
–––
120
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
dh
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
65
f
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
260
(Body Diode)
Ùh
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
26
38
ns
Qrr
Reverse Recovery Charge
–––
15
23
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
VGS = 4.5V, ID = 12A
f
–––
VGS = 4.5V
Typ.
–––
–––
ID = 12A
VGS = 0V
VDS = 15V
TJ = 25°C, IF = 12A, VDD = 15V
di/dt = 100A/µs
f
TJ = 25°C, IS = 12A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 250µA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
Clamped Inductive Load
VDS = 15V, ID = 12A
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 15A f
Conditions
7.5
Max.
230
12
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V f
ID = 12A
VDS = 16V
VGS = 20V
VGS = -20V


Similar Part No. - IRLR7821PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR7821PBF IRF-IRLR7821PBF Datasheet
326Kb / 12P
   Ultra-Low Gate Impedance
IRLR7821PBF IRF-IRLR7821PBF_15 Datasheet
326Kb / 12P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR7821PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com