Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3101N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101N
Description  Secondary-Side PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3101N Datasheet HTML 1Page - National Semiconductor (TI) LM3101N Datasheet HTML 2Page - National Semiconductor (TI) LM3101N Datasheet HTML 3Page - National Semiconductor (TI) LM3101N Datasheet HTML 4Page - National Semiconductor (TI) LM3101N Datasheet HTML 5Page - National Semiconductor (TI) LM3101N Datasheet HTML 6Page - National Semiconductor (TI) LM3101N Datasheet HTML 7Page - National Semiconductor (TI) LM3101N Datasheet HTML 8Page - National Semiconductor (TI) LM3101N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VS)
16V
Junction Temperature Range
b
65 C s TJ s a150 C
ESD
1 kV
Lead Temperature (Soldering 5 sec)
260 C
Operating Ratings
Supply Voltage
45V s VS s 15V
Junction Temperature Range
b
40 C s TJ s a125 C
Electrical Characteristics Specifications with standard typeface are for TJ e 25 C and those in bold type-
face apply over full Operating Temperature Range Pin 2 MC is connected to VS bya5kX resistorthis selects voltage
mode control operation Unless otherwise specified TA e 25 C VS e 5V RFS e 25 kX (FO e 500 kHz)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
REFERENCE SECTION
(Note 2)
VREF
Reference Voltage
1230
1242
1254
V
1217
1266
D
VREF DVS
Line Regulation
45V s VS s 15V
001
003
%V
D
VREF DT
Temperature Stability
b
40 C s TJ s a125 C
0003
% C
(Note 3)
ERROR AMPLIFIER SECTION
AVOL
Open Loop Voltage Gain
75
90
dB
IB
Input Bias Current
b
10
b
05
m
A
b
20
GBW
Gain-Bandwidth Product
FTEST e 100 kHz
45
8
MHz
iM
Phase Margin
AV e 1
52
Deg
SR
Slew Rate
25
6
V ms
OSCILLATOR SECTION
FO
Oscillator Frequency
RT e 25 kX
450
500
550
kHz
(Note 4)
425
575
RT e 125 kX
088
10
112
MHz
085
115
FSC
Oscillator Frequency in
RT e 25 kX
Output Short Circuit
(FO e 500 kHz)
120
187
260
kHz
RSC e 13 kX (Note 5)
RT e 125 kX
(FO e 1 MHz)
210
335
470
kHz
RSC e 634 kX (Note 5)
D
FO DT
Temperature Stability
(Note 3)
01
% C
D
FO DVS
Line Stability
45V s VS s 15V
09
%V
VSYNC
Synch Signal Amplitude
AC Coupled Negative Edge
15
VPP
Trigger (Note 6)
2
D
ICOMP Dt
Compensation Current
RT e 25 kX
155
208
260
m
A ms
Ramp Slope
RMC e 5kX (Note 7)
2


Similar Part No. - LM3101N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Similar Description - LM3101N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
   Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Renesas Technology Corp
IW600 RENESAS-IW600 Datasheet
453Kb / 6P
   Secondary-Side Voltage Positioning Controller
09-Feb-2022
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
   Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com