Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3101N Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101N
Description  Secondary-Side PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101N Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3101N Datasheet HTML 1Page - National Semiconductor (TI) LM3101N Datasheet HTML 2Page - National Semiconductor (TI) LM3101N Datasheet HTML 3Page - National Semiconductor (TI) LM3101N Datasheet HTML 4Page - National Semiconductor (TI) LM3101N Datasheet HTML 5Page - National Semiconductor (TI) LM3101N Datasheet HTML 6Page - National Semiconductor (TI) LM3101N Datasheet HTML 7Page - National Semiconductor (TI) LM3101N Datasheet HTML 8Page - National Semiconductor (TI) LM3101N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Performance Characteristics
For FO e 500 kHz RT e 25 kX
For FO e 1 MHz RT e 125 kX
Supply Current
vs Supply Voltage
Supply Current
Oscillator Frequency
vs Supply Voltage
Oscillator Frequency
Oscillator Frequency
Short Circuit
Reference Voltage
Power On Reset Delay
Trigger Pulse Width
Minimum Over-Voltage
Undervoltage Lockout
Soft-Start Current
Limit Voltage
Current Mode Input
Ramp Slope
Compensation Current
TLH11436 – 3
5


Similar Part No. - LM3101N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Similar Description - LM3101N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
   Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Renesas Technology Corp
IW600 RENESAS-IW600 Datasheet
453Kb / 6P
   Secondary-Side Voltage Positioning Controller
09-Feb-2022
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
   Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com