Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4228 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4228
Description  High Precision, Low Noise OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4228 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4228 Datasheet HTML 2Page - Texas Instruments OPA4228 Datasheet HTML 3Page - Texas Instruments OPA4228 Datasheet HTML 4Page - Texas Instruments OPA4228 Datasheet HTML 5Page - Texas Instruments OPA4228 Datasheet HTML 6Page - Texas Instruments OPA4228 Datasheet HTML 7Page - Texas Instruments OPA4228 Datasheet HTML 8Page - Texas Instruments OPA4228 Datasheet HTML 9Page - Texas Instruments OPA4228 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OPA227, 2227, 4227
OPA228, 2228, 4228
6
SBOS110A
www.ti.com
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, RL =10kΩ, and VS = ±15V, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
17.5
15.0
12.5
10.0
5.5
5.0
2.5
0
Typical distribution
of packaged units.
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV)/°C
12
8
4
0
Typical distribution
of packaged units.
0
0.5
1.0
1.5
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
100
150
300
Time from Power Supply Turn-On (s)
WARM-UP OFFSET VOLTAGE DRIFT
50
200
250
10
100
1k
10k
100k
1M
140
120
100
80
60
40
Frequency (Hz)
CHANNEL SEPARATION vs FREQUENCY
Dual and quad devices. G = 1, all channels.
Quad measured Channel A to D, or B to C;
other combinations yield similiar or improved
rejection.
INPUT NOISE VOLTAGE vs TIME
1s/div
VOLTAGE NOISE DISTRIBUTION (10Hz)
Noise (nV/
√Hz)
3.16
0
3.25
3.34 3.43
3.51 3.60
3.69 3.78
24
16
8
0


Similar Part No. - OPA4228

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4228 BURR-BROWN-OPA4228 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA4228PA BURR-BROWN-OPA4228PA Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4228PA TI1-OPA4228PA Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA4228PAG4 TI1-OPA4228PAG4 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
Burr-Brown (TI)
OPA4228UA BURR-BROWN-OPA4228UA Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4228

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com